Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29DL163BD-90PFTR Datasheet(PDF) 11 Page - SPANSION

Part # MBM29DL163BD-90PFTR
Description  FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29DL163BD-90PFTR Datasheet(HTML) 11 Page - SPANSION

Back Button MBM29DL163BD-90PFTR Datasheet HTML 7Page - SPANSION MBM29DL163BD-90PFTR Datasheet HTML 8Page - SPANSION MBM29DL163BD-90PFTR Datasheet HTML 9Page - SPANSION MBM29DL163BD-90PFTR Datasheet HTML 10Page - SPANSION MBM29DL163BD-90PFTR Datasheet HTML 11Page - SPANSION MBM29DL163BD-90PFTR Datasheet HTML 12Page - SPANSION MBM29DL163BD-90PFTR Datasheet HTML 13Page - SPANSION MBM29DL163BD-90PFTR Datasheet HTML 14Page - SPANSION MBM29DL163BD-90PFTR Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
MBM29DL16XTD/BD-70/90
11
*1 : A−1 is for Byte mode. At Byte mode, DQ8 to DQ14 are High-Z and DQ15 is A−1, the lowest address.
*2 : Outputs 01h at protected sector group addresses and outputs 00h at unprotected sector group addresses.
*3 : When VID is applied to A9, both Bank 1 and Bank 2 are put into Autoselect mode, which makes simultaneous
operation unable to be executed. Consequently, specifying the bank address is not required. However, the bank
address needs to be indicated when Autoselect mode is read out at command mode, because then it enables
to activate simultaneous operation.
* : At Byte mode, DQ8 to DQ14 are High-Z and DQ15 is A−1, the lowest address.
(B)
: Byte mode
(W) : Word mode
HI-Z : High-Z
MBM29DL161TD/BD Sector Group Protection Verify Autoselect Codes Table
Type
A19 to A12
A6
A1
A0
A-1*1
Code (HEX)
Manufacture’s Code
BA*3
VIL
VIL
VIL
VIL
04h
Device
Code
MBM29DL161TD
Byte
BA*3
VIL
VIL
VIH
VIL
36h
Word
X
2236h
MBM29DL161BD
Byte
BA*3
VIL
VIL
VIH
VIL
39h
Word
X
2239h
Sector Group Protection
Sector Group
Addresses
VIL
VIH
VIL
VIL
01h*2
Extended Autoselect Code Table
Type
Code DQ15 DQ14 DQ13 DQ12 DQ11 DQ10 DQ9 DQ8 DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0
Manufacturer’s Code
04h A-1/0
0000000
0
0
0
0
0
1
0
0
Device
Code
MBM29DL161TD
(B)*
36h A-1 HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z 00110110
(W) 2236h
00100010
0
0
1
1
0
1
1
0
MBM29DL161BD
(B)*
39h A-1 HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z 00111001
(W) 2239h
00100010
0
0
1
1
1
0
0
1
Sector Group Protection
01h A-1/0
0000000
0
0
0
0
0
0
0
1


Similar Part No. - MBM29DL163BD-90PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL163BD FUJITSU-MBM29DL163BD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
More results

Similar Description - MBM29DL163BD-90PFTR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV160DT-B MCNIX-MX29LV160DT-B Datasheet
1Mb / 66P
   16M-BIT [2M x 8 / 1M x 16] 3V SUPPLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com