Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29DL161BD-90PFTR Datasheet(PDF) 10 Page - SPANSION

Part # MBM29DL161BD-90PFTR
Description  FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29DL161BD-90PFTR Datasheet(HTML) 10 Page - SPANSION

Back Button MBM29DL161BD-90PFTR Datasheet HTML 6Page - SPANSION MBM29DL161BD-90PFTR Datasheet HTML 7Page - SPANSION MBM29DL161BD-90PFTR Datasheet HTML 8Page - SPANSION MBM29DL161BD-90PFTR Datasheet HTML 9Page - SPANSION MBM29DL161BD-90PFTR Datasheet HTML 10Page - SPANSION MBM29DL161BD-90PFTR Datasheet HTML 11Page - SPANSION MBM29DL161BD-90PFTR Datasheet HTML 12Page - SPANSION MBM29DL161BD-90PFTR Datasheet HTML 13Page - SPANSION MBM29DL161BD-90PFTR Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
MBM29DL16XTD/BD-70/90
10
*4 : The valid addresses are A6 to A0.
*5 : This command is valid during HiddenROM mode.
*6 : The data “00h” is also acceptable.
*7 : The fourth bus cycle is only for read.
Notes:
• Address bits A19 to A11 = X = “H” or “L” for all address commands except or Program Address (PA), Sector
Address (SA), and Bank Address (BA).
• Bus operations are defined in “MBM29DL16XTD/BD User Bus Operations Tables (BYTE = VIH and BYTE = VIL)”.
• RA =
Address of the memory location to be read
IA =
Autoselect read address that sets both the bank address specified at (A19, A18, A17, A16, A15) and
all the other A6, A1, A0, (A-1) .
PA =
Address of the memory location to be programmed
Addresses are latched on the falling edge of the write pulse.
SA =
Address of the sector to be erased. The combination of A19, A18, A17, A16, A15, A14, A13, and A12 will
uniquely select any sector.
BA =
Bank Address (A15 to A19)
• RD = Data read from location RA during read operation.
ID =
Device code/manufacture code for the address located by IA.
PD =
Data to be programmed at location PA. Data is latched on the rising edge of write pulse.
• SPA = Sector group address to be protected. Set sector group address (SGA) and (A6, A1, A0) = (0, 1, 0).
SD =
Sector group protection verify data. Output 01h at protected sector group addresses and output
00h at unprotected sector group addresses.
• HRA = Address of the HiddenROM area
29DL16XTD (Top Boot Type)
Word Mode: 0F8000h to 0FFFFFh
Byte Mode: 1F0000h to 1FFFFFh
29DL16XBD (Bottom Boot Type) Word Mode: 000000h to 007FFFh
Byte Mode: 000000h to 00FFFFh
• HRBA =Bank Address of the HiddenROM area
29DL16XTD (Top Boot Type)
:A19 = A18 = A17 = A16 = A15 = VIH
29DL16XBD (Bottom Boot Type) :A19 = A18 = A17 = A16 = A15 = VIL
• The system should generate the following address patterns:
Word Mode: 555h or 2AAh to addresses A10 to A0
Byte Mode: AAAh or 555h to addresses A10 to A0 and A–1
• Both Read/Reset commands are functionally equivalent, resetting the device to the read mode.
• Command combinations not described in “MBM29DL16XTD/BD Command Definitions Table” are illegal.


Similar Part No. - MBM29DL161BD-90PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL161BD FUJITSU-MBM29DL161BD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
More results

Similar Description - MBM29DL161BD-90PFTR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV160DT-B MCNIX-MX29LV160DT-B Datasheet
1Mb / 66P
   16M-BIT [2M x 8 / 1M x 16] 3V SUPPLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com