Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29PL32TM90PBT Datasheet(PDF) 3 Page - SPANSION

Part # MBM29PL32TM90PBT
Description  FLASH MEMORY CMOS 32 M (4M X 8/2M X 16) BIT MirrorFlash
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL32TM90PBT Datasheet(HTML) 3 Page - SPANSION

  MBM29PL32TM90PBT Datasheet HTML 1Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 2Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 3Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 4Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 5Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 6Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 7Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 8Page - SPANSION MBM29PL32TM90PBT Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
MBM29PL32TM/BM90/10
3
s FEATURES
• 0.23
µµµµm Process Technology
• Single 3.0 V read, program and erase
Minimizes system level power requirements
• Industry-standard pinouts
48-pin TSOP (1) (Package suffix: TN - Normal Bend Type)
48-ball FBGA(Package suffix: PBT)
• Minimum 100,000 program/erase cycles
• High performance Page mode
Fast 8 bytes / 4 words access capability
• Sector erase architecture
Eight 8K byte and sixty-three 64K byte sectors
Eight 4K word and sixty-three 32K word sectors
Any combination of sectors can be concurrently erased. Also supports full chip erase
• Boot Code Sector Architecture
T = Top sector
B = Bottom sector
• HiddenROM
256 bytes / 128 words of HiddenROM, accessible through a “HiddenROM Entry” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
• WP/ACC input pin
At VIL, allows protection of outermost two 8K bytes / 4K words sectors, regardless of sector protection/unpro-
tection status
At VACC, increases program performance
• Embedded EraseTM* Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switches themselves to low power mode
• Program Suspend/Resume
Suspends the program operation to allow a read in another address
• Low VCC write inhibit
≤≤≤≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read data and/or program in another sector within the same device
• Sector Group Protection
Hardware method disables any combination of sector groups from program or erase operations
• Sector Group Protection Set function by Extended sector protect command
• Fast Programming Function by Extended Command
• Temporary sector group unprotection
Temporary sector group unprotection via the RESET pin
This feature allows code changes in previously locked sectors
• In accordance with CFI (Common Flash Memory Interface)
* : Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29PL32TM90PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL3200BE FUJITSU-MBM29PL3200BE Datasheet
670Kb / 59P
   32 M (2 M X 16/1 M X 32) BIT
MBM29PL3200BE70 FUJITSU-MBM29PL3200BE70 Datasheet
670Kb / 59P
   32 M (2 M X 16/1 M X 32) BIT
MBM29PL3200BE70PBT FUJITSU-MBM29PL3200BE70PBT Datasheet
670Kb / 59P
   32 M (2 M X 16/1 M X 32) BIT
MBM29PL3200BE70PFV FUJITSU-MBM29PL3200BE70PFV Datasheet
670Kb / 59P
   32 M (2 M X 16/1 M X 32) BIT
MBM29PL3200BE90 FUJITSU-MBM29PL3200BE90 Datasheet
670Kb / 59P
   32 M (2 M X 16/1 M X 32) BIT
More results

Similar Description - MBM29PL32TM90PBT

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV320T MCNIX-MX29LV320T Datasheet
949Kb / 63P
   32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29LV160TM90 SPANSION-MBM29LV160TM90 Datasheet
567Kb / 57P
   FLASH MEMORY CMOS 16 M (2M X 8/1M X 16) BIT MirrorFlashTM
logo
AMIC Technology
A29DL32X AMICC-A29DL32X Datasheet
771Kb / 50P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com