Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29LV160BM90PBT Datasheet(PDF) 3 Page - SPANSION

Part # MBM29LV160BM90PBT
Description  FLASH MEMORY CMOS 16 M (2M X 8/1M X 16) BIT MirrorFlashTM
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29LV160BM90PBT Datasheet(HTML) 3 Page - SPANSION

  MBM29LV160BM90PBT Datasheet HTML 1Page - SPANSION MBM29LV160BM90PBT Datasheet HTML 2Page - SPANSION MBM29LV160BM90PBT Datasheet HTML 3Page - SPANSION MBM29LV160BM90PBT Datasheet HTML 4Page - SPANSION MBM29LV160BM90PBT Datasheet HTML 5Page - SPANSION MBM29LV160BM90PBT Datasheet HTML 6Page - SPANSION MBM29LV160BM90PBT Datasheet HTML 7Page - SPANSION MBM29LV160BM90PBT Datasheet HTML 8Page - SPANSION MBM29LV160BM90PBT Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
MBM29LV160TM/BM90
3
s FEATURES
• 0.23
µµµµm Process Technology
• Single 3.0 V read, program and erase
Minimizes system level power requirements
• Industry-standard pinouts
48-pin TSOP (1) (Package suffix: TN - Normal Bend Type)
48-ball FBGA (Package suffix: PBT)
• Minimum 100,000 program/erase cycles
• High performance
90 ns maximum access time
• Sector erase architecture
One 16K bytes, two 8K bytes, one 32K bytes, and thirty-one 64K bytes sectors in byte mode
One 8K words, two 4K words, one 16K words, and thirty-one 32K words sectors in word mode
Any combination of sectors can be concurrently erased. Also supports full chip erase
• Boot Code Sector Architecture
T = Top sector
B = Bottom sector
• Embedded EraseTM* Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
Automatically program and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switches themselves to low power mode
• Program Suspend/Resume
Suspends the program operation to allow a read in another address
• Low VCC write inhibit
≤≤≤≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read data and/or program in another sector within the same device
• Sector Protection
Hardware method disables any combination of sectors from program or erase operations
• Sector Protection Set function by Extended sector protect command
• Fast Programming Function by Extended Command
• Temporary sector unprotection
Temporary sector unprotection via the RESET pin
This feature allows code changes in previously locked sectors
• In accordance with CFI (Common Flash Memory Interface)
* : Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29LV160BM90PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV160B FUJITSU-MBM29LV160B Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
MBM29LV160B-12 FUJITSU-MBM29LV160B-12 Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29LV160B-12 SPANSION-MBM29LV160B-12 Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29LV160B-12PBT FUJITSU-MBM29LV160B-12PBT Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29LV160B-12PBT SPANSION-MBM29LV160B-12PBT Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
More results

Similar Description - MBM29LV160BM90PBT

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
MBM29PL65LM-90 SPANSION-MBM29PL65LM-90 Datasheet
624Kb / 56P
   FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
SPANSION
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com