Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP813SRC-F Datasheet(PDF) 6 Page - Kingbright Corporation

Part # WP813SRC-F
Description  10mm SOLID STATE LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP813SRC-F Datasheet(HTML) 6 Page - Kingbright Corporation

  WP813SRC-F Datasheet HTML 1Page - Kingbright Corporation WP813SRC-F Datasheet HTML 2Page - Kingbright Corporation WP813SRC-F Datasheet HTML 3Page - Kingbright Corporation WP813SRC-F Datasheet HTML 4Page - Kingbright Corporation WP813SRC-F Datasheet HTML 5Page - Kingbright Corporation WP813SRC-F Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPEC NO: DSAF2472
REV NO: V.2
DATE: MAY/10/2007
PAGE: 6 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101007645-01


Similar Part No. - WP813SRC-F

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP813SRC-D KINGBRIGHT-WP813SRC-D Datasheet
258Kb / 6P
   10mm SOLID STATE LAMP
WP813SRC-D KINGBRIGHT-WP813SRC-D_15 Datasheet
314Kb / 6P
   10mm SOLID STATE LAMP
WP813SRC-E KINGBRIGHT-WP813SRC-E Datasheet
260Kb / 6P
   10mm SOLID STATE LAMP
WP813SRC-J4 KINGBRIGHT-WP813SRC-J4 Datasheet
339Kb / 5P
   10 mm Solid State Lamp
WP813SRC-J4 KINGBRIGHT-WP813SRC-J4_15 Datasheet
313Kb / 6P
   10mm SOLID STATE LAMP
More results

Similar Description - WP813SRC-F

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP813GD KINGBRIGHT-WP813GD_15 Datasheet
314Kb / 6P
   10mm SOLID STATE LAMP
WP813GD KINGBRIGHT-WP813GD Datasheet
259Kb / 6P
   10mm SOLID STATE LAMP
WP813SRD-F KINGBRIGHT-WP813SRD-F Datasheet
260Kb / 6P
   10mm SOLID STATE LAMP
WP813SRD-G KINGBRIGHT-WP813SRD-G Datasheet
260Kb / 6P
   10mm SOLID STATE LAMP
logo
SunLED Corporation
LM2CY01W SUNLED-LM2CY01W Datasheet
182Kb / 4P
   10mm SOLID STATE LAMP
LUG01D SUNLED-LUG01D Datasheet
183Kb / 4P
   10mm SOLID STATE LAMP
logo
Kingbright Corporation
WP813ID KINGBRIGHT-WP813ID Datasheet
259Kb / 6P
   10mm SOLID STATE LAMP
WP813YD KINGBRIGHT-WP813YD Datasheet
260Kb / 6P
   10mm SOLID STATE LAMP
logo
SunLED Corporation
LM2BG01W SUNLED-LM2BG01W Datasheet
191Kb / 4P
   10mm SOLID STATE LAMP
logo
Kingbright Corporation
WP813SRC-J4 KINGBRIGHT-WP813SRC-J4_15 Datasheet
313Kb / 6P
   10mm SOLID STATE LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com