Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP799SURKMGKW Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP799SURKMGKW
Description  8mm BI-COLOR INDICATOR LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP799SURKMGKW Datasheet(HTML) 2 Page - Kingbright Corporation

  WP799SURKMGKW Datasheet HTML 1Page - Kingbright Corporation WP799SURKMGKW Datasheet HTML 2Page - Kingbright Corporation WP799SURKMGKW Datasheet HTML 3Page - Kingbright Corporation WP799SURKMGKW Datasheet HTML 4Page - Kingbright Corporation WP799SURKMGKW Datasheet HTML 5Page - Kingbright Corporation WP799SURKMGKW Datasheet HTML 6Page - Kingbright Corporation WP799SURKMGKW Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPEC NO: DSAF2682
REV NO: V.2
DATE: MAY/23/2007
PAGE: 2 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101007426
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
WP799SURKMGKW
Hyper Red (InGaAlP)
WHITE DIFFUSED
380
600
Mega Green (InGaAlP)
50
130
50
°
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Hyper Red
Mega Green
650
574
nm
IF=20mA
λD [1]
Dominant Wavelength
Hyper Red
Mega Green
635
570
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Hyper Red
Mega Green
28
20
nm
IF=20mA
C
Capacitance
Hyper Red
Mega Green
35
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Hyper Red
Mega Green
1.95
2.1
2.5
2.5
V
IF=20mA
IR
Reverse Current
Hyper Red
Mega Green
10
10
uA
VR = 5V
Parameter
Hyper Red
Mega Green
Units
Power dissipation
75
75
mW
DC Forward Current
30
30
mA
Peak Forward Current [1]
185
150
mA
Reverse Voltage
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds
5


Similar Part No. - WP799SURKMGKW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP799SRSGW-CC KINGBRIGHT-WP799SRSGW-CC Datasheet
462Kb / 7P
   8mm BI-COLOR INDICATOR LAMP
WP799SRSGW/CC KINGBRIGHT-WP799SRSGW/CC Datasheet
462Kb / 7P
   8mm BI-COLOR INDICATOR LAMP
More results

Similar Description - WP799SURKMGKW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP799SRSGW-CC KINGBRIGHT-WP799SRSGW-CC Datasheet
462Kb / 7P
   8mm BI-COLOR INDICATOR LAMP
logo
SunLED Corporation
LMRMG81MCC SUNLED-LMRMG81MCC Datasheet
206Kb / 5P
   8mm BI-COLOR INDICATOR LAMP
LUGR81M SUNLED-LUGR81M Datasheet
200Kb / 5P
   8mm BI-COLOR INDICATOR LAMP
LUGY81M SUNLED-LUGY81M Datasheet
203Kb / 5P
   8mm BI-COLOR INDICATOR LAMP
logo
Kingbright Corporation
WP799EGW KINGBRIGHT-WP799EGW Datasheet
462Kb / 7P
   8mm BI-COLOR INDICATOR LAMP
L799 KINGBRIGHT-L799 Datasheet
125Kb / 4P
   8mm BI-COLOR INDICATOR LAMPS
logo
List of Unclassifed Man...
XLUGR29M ETC1-XLUGR29M Datasheet
227Kb / 4P
   BI-COLOR INDICATOR LAMP
logo
Kingbright Corporation
WP119SURKMGKWT KINGBRIGHT-WP119SURKMGKWT Datasheet
109Kb / 4P
   2x5mm BI-COLOR INDICATOR LAMP
WP119SURKMGKWT KINGBRIGHT-WP119SURKMGKWT Datasheet
451Kb / 7P
   2x5mm BI-COLOR INDICATOR LAMP
WP119EGWT KINGBRIGHT-WP119EGWT_15 Datasheet
342Kb / 7P
   2x5mm BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com