Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29DL162TE-70TR Datasheet(PDF) 11 Page - SPANSION

Part # MBM29DL162TE-70TR
Description  FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29DL162TE-70TR Datasheet(HTML) 11 Page - SPANSION

Back Button MBM29DL162TE-70TR Datasheet HTML 7Page - SPANSION MBM29DL162TE-70TR Datasheet HTML 8Page - SPANSION MBM29DL162TE-70TR Datasheet HTML 9Page - SPANSION MBM29DL162TE-70TR Datasheet HTML 10Page - SPANSION MBM29DL162TE-70TR Datasheet HTML 11Page - SPANSION MBM29DL162TE-70TR Datasheet HTML 12Page - SPANSION MBM29DL162TE-70TR Datasheet HTML 13Page - SPANSION MBM29DL162TE-70TR Datasheet HTML 14Page - SPANSION MBM29DL162TE-70TR Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
MBM29DL16XTE/BE70/90
11
*1: A-1 is for Byte mode. At Byte mode, DQ14 to DQ8 are High-Z and DQ15 is A-1, the lowest address.
*2: Outputs 01h at protected sector group addresses and outputs 00h at unprotected sector group addresses.
*3: When VID is applied to A9, both Bank1 and Bank2 are put into Autoselect mode, which makes simultaneous
operation unable to be executed. Consequently, specifying the bank address is not required. However, the bank
address needs to be indicated when Autoselect mode is read out at command mode, because then it enables
to activate simultaneous operation.
(B) : Byte mode
(W) : Word mode
HI-Z : High-Z
*: At Byte mode, DQ14 to DQ8 are High-Z and DQ15 is A-1, the lowest address.
MBM29DL161TE/BE Sector Group Protection Verify Autoselect Codes Table
Type
A19 to A12
A6
A1
A0
A-1*1
Code (HEX)
Manufacture’s Code
Byte
BA*3
VIL
VIL
VIL
VIL
04h
Word
X
0004h
Device
Code
MBM29DL161TE
Byte
BA*3
VIL
VIL
VIH
VIL
36h
Word
X
2236h
MBM29DL161BE
Byte
BA*3
VIL
VIL
VIH
VIL
39h
Word
X
2239h
Sector Group Protection
Byte Sector Group
Addresses
VIL
VIH
VIL
VIL
01h*2
Word
X
0001h*2
Extended Autoselect Code Table
Type
Code DQ15 DQ14 DQ13 DQ12 DQ11 DQ10 DQ9 DQ8 DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0
Manufacturer’s Code
(B)*
04h A-1 HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z
00000100
(W) 0004h
00000000
0
0
0
00100
Device
Code
MBM29DL161TE
(B)*
36h A-1 HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z
00110110
(W) 2236h
00100010
0
0
1
10110
MBM29DL161BE
(B)*
39h A-1 HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z
00111001
(W) 2239h
00100010
0
0
1
11001
Sector Group Protection
(B)*
01h A-1 HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z
00000001
(W) 0001h
0
0000000
0
0
0
00001


Similar Part No. - MBM29DL162TE-70TR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL162TE FUJITSU-MBM29DL162TE Datasheet
1Mb / 75P
   16M (2MX8/1MX16) BIT Dual Operation
MBM29DL162TE70PBT FUJITSU-MBM29DL162TE70PBT Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
MBM29DL162TE70PFTN FUJITSU-MBM29DL162TE70PFTN Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
MBM29DL162TE70PFTR FUJITSU-MBM29DL162TE70PFTR Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
More results

Similar Description - MBM29DL162TE-70TR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV160DT-B MCNIX-MX29LV160DT-B Datasheet
1Mb / 66P
   16M-BIT [2M x 8 / 1M x 16] 3V SUPPLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com