Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29F004TC-70PFTN Datasheet(PDF) 3 Page - SPANSION

Part # MBM29F004TC-70PFTN
Description  FLASH MEMORY CMOS 4 M (512 K X 8) BIT
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F004TC-70PFTN Datasheet(HTML) 3 Page - SPANSION

  MBM29F004TC-70PFTN Datasheet HTML 1Page - SPANSION MBM29F004TC-70PFTN Datasheet HTML 2Page - SPANSION MBM29F004TC-70PFTN Datasheet HTML 3Page - SPANSION MBM29F004TC-70PFTN Datasheet HTML 4Page - SPANSION MBM29F004TC-70PFTN Datasheet HTML 5Page - SPANSION MBM29F004TC-70PFTN Datasheet HTML 6Page - SPANSION MBM29F004TC-70PFTN Datasheet HTML 7Page - SPANSION MBM29F004TC-70PFTN Datasheet HTML 8Page - SPANSION MBM29F004TC-70PFTN Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
MBM29F004TC/004BC-70/90
3
s FEATURES
• Single 5.0 V read, write, and erase
Minimizes system level power requirements
• Compatible with JEDEC-standard commands
Pinout and software compatible with single-power supply Flash
Superior inadvertent write protection
• 32-pin TSOP (1) (Package Suffix : PFTN-Normal Bend Type, PFTR-Reverse Bend Type)
32-pin PLCC (Package Suffix : PD)
• Minimum 100,000 write/erase cycles
• High performance
70 ns maximum access time
• Flexible sector erase architecture
One 16 K byte, two 8 K bytes, one 32 K byte, and seven 64 K bytes sectors
Any combination of sectors can be erased. Also supports full chip erase.
• Embedded Erase™* Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded Program™* Algorithms
Automatically programs and verifies data at specified address
• Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Low VCC write inhibit
≤ 3.2 V
• Erase Suspend/Resume
Supports reading or programming data to a sector not being erased
• Sector Protection
Hardware sector protect that disables any combination of sectors from write or erase operations
• Temporary Sector Unprotection
Temporary sector unprotection via the command sequence
• Boot Code Sector Architecture
• Fast Programming
• Extended Sector Protection
*: Embedded Erase™, Embedded Program™ and ExpressFlash™ are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29F004TC-70PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F002BC FUJITSU-MBM29F002BC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-55 FUJITSU-MBM29F002BC-55 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-70 FUJITSU-MBM29F002BC-70 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-90 FUJITSU-MBM29F002BC-90 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
More results

Similar Description - MBM29F004TC-70PFTN

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
Winbond
W39L040 WINBOND-W39L040 Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B AMD-AM29LV004B Datasheet
39Kb / 6P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F004B SPANSION-AM29F004B_06 Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B_06 Datasheet
981Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Force Technologies Ltd
FT29F040B FORCE-FT29F040B Datasheet
3Mb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com