Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSTL152M450V51X141F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSTL152M450V51X141F
Description  Screw Terminal Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSTL152M450V51X141F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSTL152M450V51X141F Datasheet HTML 1Page - NIC-Components Corp. NSTL152M450V51X141F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
161
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Voltage
(VDC)
Cap.
(
µF)
Tan
δ
Max.
Max.
Leakage
Current (
µA)
Max. Ripple Current
(Arms@85°C)
Case Size
120Hz
5KHz ~
D
L
P
350
1800
0.20
2381
7.75
10.85
51
98
21.8
2200
0.20
2632
8.73
12.22
51
118
21.8
2700
0.20
2916
9.79
13.70
51
138
21.8
3300
0.20
3224
10.8
15.12
51
148
21.8
3900
0.25
3504
12.9
18.06
64
119
28.2
4700
0.25
3847
14.3
20.02
64
139
28.2
4700
0.25
3847
16.0
22.40
77
101
31.4
5600
0.25
4200
17.8
24.92
77
121
31.4
6800
0.25
4628
19.8
27.72
77
141
31.4
8200
0.25
5000
21.8
30.52
77
151
31.4
8200
0.25
5000
25.8
36.12
90
121
31.4
10000
0.25
5000
28.8
40.32
90
141
31.4
400
1500
0.20
2323
6.86
9.60
51
98
21.8
1800
0.20
2545
7.65
10.71
51
118
21.8
2200
0.20
2814
8.57
11.99
51
138
21.8
2700
0.20
3117
9.50
13.30
51
148
21.8
3300
0.20
3446
11.5
16.10
64
119
28.2
3900
0.25
3746
12.7
17.78
64
139
28.2
4700
0.25
4113
15.8
22.12
77
121
31.4
5600
0.25
4489
17.5
24.50
77
141
31.4
6800
0.25
4947
19.2
26.88
77
151
31.4
6800
0.25
4947
22.9
32.06
90
121
31.4
8200
0.25
5000
25.5
35.70
90
141
31.4
450
1200
0.20
2204
6.53
9.14
51
98
21.8
1500
0.20
2464
7.43
10.40
51
118
21.8
1800
0.20
2700
8.25
11.55
51
138
21.8
2200
0.25
2984
10.1
14.14
64
119
28.2
2700
0.25
3306
11.3
15.82
64
139
28.2
3300
0.25
3655
12.5
17.50
64
149
28.2
3900
0.25
3974
15.3
21.42
77
121
31.4
4700
0.25
4362
17.0
23.80
77
141
31.4
4700
0.25
4362
20.5
28.70
90
121
31.4
6800
0.25
5000
24.7
34.58
90
141
31.4
Screw Terminal Aluminum Electrolytic Capacitors NSTL Series
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS


Similar Part No. - NSTL152M450V51X141F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSTLW NIC-NSTLW Datasheet
56Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
NSTLW103M350V51X141F NIC-NSTLW103M350V51X141F Datasheet
56Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
NSTLW103M350V51X141P2F NIC-NSTLW103M350V51X141P2F Datasheet
56Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
NSTLW103M350V51X141P3F NIC-NSTLW103M350V51X141P3F Datasheet
56Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
NSTLW103M350V64X141F NIC-NSTLW103M350V64X141F Datasheet
56Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
More results

Similar Description - NSTL152M450V51X141F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ_15 Datasheet
172Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com