Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD21194EM-70PBS Datasheet(PDF) 9 Page - SPANSION

Part # MB84VD21194EM-70PBS
Description  Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM CMOS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD21194EM-70PBS Datasheet(HTML) 9 Page - SPANSION

Back Button MB84VD21194EM-70PBS Datasheet HTML 5Page - SPANSION MB84VD21194EM-70PBS Datasheet HTML 6Page - SPANSION MB84VD21194EM-70PBS Datasheet HTML 7Page - SPANSION MB84VD21194EM-70PBS Datasheet HTML 8Page - SPANSION MB84VD21194EM-70PBS Datasheet HTML 9Page - SPANSION MB84VD21194EM-70PBS Datasheet HTML 10Page - SPANSION MB84VD21194EM-70PBS Datasheet HTML 11Page - SPANSION MB84VD21194EM-70PBS Datasheet HTML 12Page - SPANSION MB84VD21194EM-70PBS Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
MB84VD2118XEM/2119XEM-70
9
s ABSOLUTE MAXIMUM RATINGS
*1 : Minimum DC voltage on input or I/O pins is –0.3 V. During voltage transitions, input or I/O pins may undershoot
VSS to –2.0 V for periods of up to 20 ns. Maximum DC voltage on input or I/O pins is VCCf+0.4 V or VCCs+0.4 V.
During voltage transitions, input or I/O pins may overshoot to VCCf+2.0 V or VCCs+2.0 V for periods of up to 20 ns.
*2 : Minimum DC input voltage on RESET pin is –0.5 V. During voltage transitions, RESET pins may undershoot
VSS to –2.0 V for periods of up to 20 ns. Voltage difference between input and supply voltage (VIN-VCCf or VCCs)
does not exceed +9.0 V. Maximum DC input voltage on RESET pins is +13.0 V which may overshoot to +14.0 V
for periods of up to 20 ns.
*3 : Minimum DC input voltage on WP/ACC pin is –0.5 V. During voltage transitions, WP/ACC pin may undershoot
Vss to –2.0 V for periods of up to 20 ns. Maximum DC input voltage on WP/ACC pin is +10.5 V which may
overshoot to +12.0 V for periods of up to 20 ns, when VCCf is applied.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
Note : Operating ranges define those limits between which the functionality of the device is guaranteed.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Storage Temperature
Tstg
–55
+125
°C
Ambient Temperature with Power Applied
TA
–40
+85
°C
Voltage with Respect to Ground All pins
except RESET, WP/ACC *1
VIN, VOUT
–0.3
VCCf +0.4
V
VCCs +0.4
V
VCCf/VCCs Supply *1
VCCf,VCCs
–0.3
+4.0
V
RESET *2
VIN
–0.5
+ 13.0
V
WP/ACC *3
VIN
–0.5
+10.5
V
Parameter
Symbol
Value
Unit
Min
Max
Ambient Temperature
TA
–40
+85
°C
VCCf/VCCs Supply Voltages
Vccf, Vccs
+2.7
+3.3
V


Similar Part No. - MB84VD21194EM-70PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD21194 FUJITSU-MB84VD21194 Datasheet
907Kb / 55P
   16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM
MB84VD21194-85-PBS FUJITSU-MB84VD21194-85-PBS Datasheet
907Kb / 55P
   16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM
MB84VD21194-85-PTS FUJITSU-MB84VD21194-85-PTS Datasheet
907Kb / 55P
   16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM
More results

Similar Description - MB84VD21194EM-70PBS

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com