Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD21193EM-70PBS Datasheet(PDF) 2 Page - SPANSION

Part # MB84VD21193EM-70PBS
Description  Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM CMOS
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD21193EM-70PBS Datasheet(HTML) 2 Page - SPANSION

  MB84VD21193EM-70PBS Datasheet HTML 1Page - SPANSION MB84VD21193EM-70PBS Datasheet HTML 2Page - SPANSION MB84VD21193EM-70PBS Datasheet HTML 3Page - SPANSION MB84VD21193EM-70PBS Datasheet HTML 4Page - SPANSION MB84VD21193EM-70PBS Datasheet HTML 5Page - SPANSION MB84VD21193EM-70PBS Datasheet HTML 6Page - SPANSION MB84VD21193EM-70PBS Datasheet HTML 7Page - SPANSION MB84VD21193EM-70PBS Datasheet HTML 8Page - SPANSION MB84VD21193EM-70PBS Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
MB84VD2118XEM/2119XEM-70
2
(Continued)
•••• FLASH MEMORY
• Simultaneous Read/Write Operations (Dual Bank)
Miltiple devices available with different bank sizes (Please refer to ORDERING INFORMATION)
Host system can program or erase in one bank, then immediately and simultaneously read from the other bank
Zero latency between read and write operations
Read-while-erase
Read-while-program
• Minimum 100,000 Write/Erase Cycles
• Sector Erase Architecture
Eight 4 K words and thirty one 32 K words.
Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
MB84VD2118XEM: Top sector
MB84VD2119XEM: Bottom sector
• Embedded EraseTM* Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit Feature for Detection of Program or Erase Cycle Completion
• Ready-Busy Output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic Sleep Mode
When addresses remain stable, automatically switch themselves to low power mode.
• Low VCC Write Inhibit
≤≤≤≤ 2.5 V
• HiddenROM Region
64K byte of HiddenROM, accessible through a new “HiddenROM Enable” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
• WP/ACC Input Pin
At VIL, allows protection of boot sectors, regardless of sector protection/unprotection status
(MB84VD2118XEM:SA37,SA38 MB84VD2119XEM:SA0,SA1)
At VIH, allows removal of boot sector protection
At VACC, program time will reduse by 40%.
• Erase Suspend/Resume
Suspends the erase operation to allow a read in another sector within the same device
• Please refer to “MBM29DL16XTE/BE” Datasheet in Detailed Function
•••• SRAM
• Power Dissipation
Operating : 40 mA Max
Standby
: 10
µµµµA Max
• Power Down Features using CE1s and CE2s
• Data Retention Supply Voltage: 1.5 V to 3.3 V
•CE1s and CE2s Chip Select
• Byte Data Control: LB (DQ7 to DQ0), UB (DQ15 to DQ8)
* : Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MB84VD21193EM-70PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD21193 FUJITSU-MB84VD21193 Datasheet
907Kb / 55P
   16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM
MB84VD21193-85-PBS FUJITSU-MB84VD21193-85-PBS Datasheet
907Kb / 55P
   16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM
MB84VD21193-85-PTS FUJITSU-MB84VD21193-85-PTS Datasheet
907Kb / 55P
   16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM
More results

Similar Description - MB84VD21193EM-70PBS

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com