Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW-313-TB Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-313-TB
Description  Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-313-TB Datasheet(HTML) 2 Page - Tyco Electronics

  SW-313-TB Datasheet HTML 1Page - Tyco Electronics SW-313-TB Datasheet HTML 2Page - Tyco Electronics SW-313-TB Datasheet HTML 3Page - Tyco Electronics SW-313-TB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Matched GaAs SPDT Switch,
DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
2
RoHS
Compliant
Electrical Specifications: (From –55°C to +85°C), Z0 = 50Ω
1,2
Parameter
Frequency
Units
Min
Typ
Max
Insertion Loss
DC - 3000 MHz
DC - 2000 MHz
DC - 1000 MHz
DC - 500 MHz
dB
dB
dB
dB
1.2
1.1
0.9
0.8
VSWR
DC - 3000 MHz
DC - 2000 MHz
DC - 1000 MHz
DC - 500 MHz
Ratio
Ratio
Ratio
Ratio
1.50:1
1.40:1
1.35:1
1.30:1
Isolation
DC - 3000 MHz
DC - 2000 MHz
DC - 1000 MHz
DC - 500 MHz
dB
dB
dB
dB
35
43
48
53
Trise, Tfall
ns
7
Ton, Toff
ns
18
Transients
mV
25
1 dB Compression
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
+25
+30
IP2
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
+60
+65
IP3
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
+40
+46
Test Conditions
10% to 90%
1.3V CTL to 90% / 10%
In-Band
Input Power
Two-Tone Input Power up to +5
dBm
Two-Tone Input Power up to +5
dBm
Vin Low
0V to 0.8V
A
1
Vin High
2.0V to 5.0V
A
1
Vcc
+5.0V ± 10%
mA
1
Vee
-5.0V to -8.0V
mA
1
1. All specifications apply when operated with bias voltages of +5V for Vcc and –5V for Vee.
2. When DC blocks are used, a 10K ohm return to GND is required on the RFC port.


Similar Part No. - SW-313-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-313-TB MA-COM-SW-313-TB Datasheet
545Kb / 5P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results

Similar Description - SW-313-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-311-PIN MACOM-SW-311-PIN Datasheet
173Kb / 4P
   Matched GaAs SPDT Switch, DC - 3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW10-0313 MA-COM-SW10-0313 Datasheet
106Kb / 4P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW-313-PIN MA-COM-SW-313-PIN_15 Datasheet
545Kb / 5P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
Tyco Electronics
SW10-0313 MACOM-SW10-0313 Datasheet
222Kb / 3P
   Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-313 MACOM-SW-313 Datasheet
220Kb / 3P
   Matched GaAs SPDT Switch, DC - 3 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW05-0311 MA-COM-SW05-0311 Datasheet
107Kb / 4P
   Matched GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
Tyco Electronics
SW-110-PIN MACOM-SW-110-PIN Datasheet
192Kb / 5P
   GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-110-PIN MA-COM-SW-110-PIN Datasheet
117Kb / 5P
   GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz
SW-312-PIN MA-COM-SW-312-PIN Datasheet
105Kb / 4P
   GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com