Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBT2222 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMBT2222
Description  NPN switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBT2222 Datasheet(HTML) 3 Page - NXP Semiconductors

  PMBT2222 Datasheet HTML 1Page - NXP Semiconductors PMBT2222 Datasheet HTML 2Page - NXP Semiconductors PMBT2222 Datasheet HTML 3Page - NXP Semiconductors PMBT2222 Datasheet HTML 4Page - NXP Semiconductors PMBT2222 Datasheet HTML 5Page - NXP Semiconductors PMBT2222 Datasheet HTML 6Page - NXP Semiconductors PMBT2222 Datasheet HTML 7Page - NXP Semiconductors PMBT2222 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 27
3
Philips Semiconductors
Product specification
NPN switching transistors
PMBT2222; PMBT2222A
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
PMBT2222
IE = 0; VCB =50V
10
nA
IE = 0; VCB =50V; Tj = 125 °C
10
µA
collector cut-off current
PMBT2222A
IE = 0; VCB =60V
10
nA
IE = 0; VCB =60V; Tj = 125 °C
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
PMBT2222A
10
nA
hFE
DC current gain
IC = 0.1 mA; VCE =10V
35
IC = 1 mA; VCE =10V
50
IC = 10 mA; VCE =10V
75
IC = 10 mA; VCE =10V; Tamb = −55 °C35
IC = 150 mA; VCE = 10 V
100
300
IC = 150 mA; VCE =1V
50
DC current gain
IC = 500 mA; VCE =10V
PMBT2222
30
PMBT2222A
40
VCEsat
collector-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
PMBT2222
400
mV
PMBT2222A
300
mV
collector-emitter saturation voltage
IC = 500 mA; IB = 50 mA; note 1
PMBT2222
1.6
V
PMBT2222A
1V
VBEsat
base-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
PMBT2222
1.3
V
PMBT2222A
0.6
1.2
V
base-emitter saturation voltage
IC = 500 mA; IB = 50 mA; note 1
PMBT2222
2.6
V
PMBT2222A
2V
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
8pF


Similar Part No. - PMBT2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
   NPN switching transistors
2004 Jan 22
logo
Nexperia B.V. All right...
PMBT2222 NEXPERIA-PMBT2222 Datasheet
216Kb / 11P
   NPN switching transistor
5 August 2020
logo
NXP Semiconductors
PMBT2222A NXP-PMBT2222A Datasheet
152Kb / 8P
   NPN switching transistors
2004 Jan 22
logo
Nexperia B.V. All right...
PMBT2222A NEXPERIA-PMBT2222A Datasheet
213Kb / 11P
   NPN switching transistor
27 July 2022
PMBT2222AM NEXPERIA-PMBT2222AM Datasheet
219Kb / 12P
   40 V, 600 mA NPN switching transistor
21 September 2018
More results

Similar Description - PMBT2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
   NPN switching transistors
1999 Apr 14
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
   NPN switching transistors
2004 Jan 22
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
   NPN switching transistors
2004 Jan 13
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
   NPN switching transistors
1997 Jun 17
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 05
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
   NPN Switching Transistors
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
   NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
   NPN SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
   NPN Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com