Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE960R275 Datasheet(PDF) 2 Page - NEC

Part # NE960R275
Description  0.2W X, Ku-BAND POWER GaAs MESFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE960R275 Datasheet(HTML) 2 Page - NEC

  NE960R275_01 Datasheet HTML 1Page - NEC NE960R275_01 Datasheet HTML 2Page - NEC NE960R275_01 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECOMMENDED OPERATING LIMITS
SYMBOLS
PARAMETERS
UNITS
MIN TYP
MAX
VDS
Drain to Source Voltage
V
9
9
TCH
Channel Temperature
°C
130
GCOMP
Gain Compression
dBcomp
3
ABSOLUTE MAXIMUM RATINGS1 (TA = 25 °C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
15
VGS
Gate to Source Voltage
V
-7
Pt
Total Power Dissipation
W
2.5
ID
Drain Current
mA
350
IGF
Gate Current (forward)
mA
2.5
IGR
Gate Current (reverse)
mA
-2.5
TCH
Channel Temperature
°C
175
TSTG
Storage Temperature
°C
-65 to +175
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NE960R275
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Input Power, PIN (dBm)
Input Power, PIN (dBm)
Input Power, PIN (dBm)
OUTPUT POWER AND EFFICIENCY
vs. INPUT POWER
DRAIN CURRENT AND LINEAR GAIN
vs. INPUT POWER
GATE CURRENT vs. INPUT POWER
25
20
15
10
30
45
30
15
0
60
510
20
25
15
f = 14.5 GHz (1 tone)
VDS = 9 V, IDSQ = 90 mA
RG = 1 K
150
100
50
0
200
12
10
8
6
14
510
20
25
15
f = 14.5 GHz (1 tone)
VDS = 9 V, IDSQ = 90 mA
RG = 1 K
1.0
0.5
0.0
-0.5
1.5
510
20
25
15
f = 14.5 GHz (1 tone)
VDS = 9 V, IDSQ = 90 mA
RG = 1 K


Similar Part No. - NE960R275_01

ManufacturerPart #DatasheetDescription
logo
NEC
NE960R275 NEC-NE960R275 Datasheet
62Kb / 12P
   0.2 W X, Ku-BAND POWER GaAs MES FET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NE960R275 RENESAS-NE960R275 Datasheet
245Kb / 10P
   N-CHANNEL GaAs MES FET
2003
More results

Similar Description - NE960R275_01

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
logo
NEC
NEZ1011-2E NEC-NEZ1011-2E Datasheet
81Kb / 12P
   2W X, Ku-BAND POWER GaAs MESFET
NEZ1011-8E NEC-NEZ1011-8E Datasheet
82Kb / 12P
   8W X, Ku-BAND POWER GaAs MESFET
NEZ1011-4E NEC-NEZ1011-4E Datasheet
82Kb / 12P
   4W X, Ku-BAND POWER GaAs MESFET
NE9000 NEC-NE9000 Datasheet
71Kb / 5P
   Ku-BAND MEDIUM POWER GaAs MESFET
NE13700 NEC-NE13700 Datasheet
194Kb / 5P
   LOW NOISE KU-BAND GAAS MESFET
NE710 NEC-NE710 Datasheet
279Kb / 7P
   LOW NOISE Ku-K BAND GaAs MESFET
NE760 NEC-NE760 Datasheet
276Kb / 7P
   LOW NOISE KU-K BAND GAAS MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com