Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-008844-0001TB Datasheet(PDF) 5 Page - Tyco Electronics

Part # MASW-008844-0001TB
Description  GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC - 3.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-008844-0001TB Datasheet(HTML) 5 Page - Tyco Electronics

  MASW-008844-0001TB Datasheet HTML 1Page - Tyco Electronics MASW-008844-0001TB Datasheet HTML 2Page - Tyco Electronics MASW-008844-0001TB Datasheet HTML 3Page - Tyco Electronics MASW-008844-0001TB Datasheet HTML 4Page - Tyco Electronics MASW-008844-0001TB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
! "#
$ %
& ' ' #
(
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
) *
1
!"
# 0=@
A
M
9
8
1(&


Similar Part No. - MASW-008844-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008844-0001TB MA-COM-MASW-008844-0001TB Datasheet
117Kb / 5P
   GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz
More results

Similar Description - MASW-008844-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-312-PIN MACOM-SW-312-PIN Datasheet
176Kb / 4P
   GaAs SPDT Reflective Switch, DC - 3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW-110-PIN MA-COM-SW-110-PIN Datasheet
117Kb / 5P
   GaAs SPDT Reflective Switch with TTL/CMOS Control Input, DC-3.0 GHz
SW-312-PIN MA-COM-SW-312-PIN Datasheet
105Kb / 4P
   GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
SW10-0312 MA-COM-SW10-0312 Datasheet
107Kb / 4P
   GaAs SPDT Reflective Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
Tyco Electronics
SW10-0312 MACOM-SW10-0312 Datasheet
221Kb / 3P
   GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-110 MACOM-SW-110 Datasheet
211Kb / 2P
   GaAs SPDT Reflective Switch DC-3 GHz with TTL/CMOS Control Input
SW-312 MACOM-SW-312 Datasheet
220Kb / 3P
   GaAs SPDT Reflective Switch, DC - 3 GHz with TTL/CMOS Control Input
SW-311-PIN MACOM-SW-311-PIN Datasheet
173Kb / 4P
   Matched GaAs SPDT Switch, DC - 3.0 GHz with TTL/CMOS Control Input
logo
M/A-COM Technology Solu...
SW-313-PIN MA-COM-SW-313-PIN Datasheet
110Kb / 4P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
logo
Tyco Electronics
SW-313-PIN MACOM-SW-313-PIN Datasheet
140Kb / 4P
   Matched GaAs SPDT Switch, DC-3.0 GHz with TTL/CMOS Control Input
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com