Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE688 Datasheet(PDF) 5 Page - California Eastern Labs

Part # NE688
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE688 Datasheet(HTML) 5 Page - California Eastern Labs

  NE688 Datasheet HTML 1Page - California Eastern Labs NE688 Datasheet HTML 2Page - California Eastern Labs NE688 Datasheet HTML 3Page - California Eastern Labs NE688 Datasheet HTML 4Page - California Eastern Labs NE688 Datasheet HTML 5Page - California Eastern Labs NE688 Datasheet HTML 6Page - California Eastern Labs NE688 Datasheet HTML 7Page - California Eastern Labs NE688 Datasheet HTML 8Page - California Eastern Labs NE688 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NE688 SERIES
0.1
0.538
-68.800
32.261
136.000
0.023
64.800
0.741
-42.000
0.322
31.469
0.4
0.385
-146.900
11.973
94.900
0.053
57.300
0.302
-81.000
0.818
23.539
0.8
0.358
-179.500
6.233
76.200
0.090
57.600
0.191
-94.800
0.984
18.405
1.0
0.352
170.400
5.038
69.100
0.109
56.000
0.169
-98.300
1.014
15.931
1.5
0.345
152.000
3.447
53.400
0.157
49.400
0.139
-102.200
1.040
12.192
2.0
0.335
137.400
2.649
39.400
0.206
41.200
0.120
-104.900
1.048
9.756
2.5
0.334
124.900
2.189
25.600
0.255
32.000
0.101
-108.700
1.041
8.090
3.0
0.334
112.100
1.904
12.300
0.302
22.000
0.081
-124.300
1.036
6.829
4.0
0.396
83.800
1.544
-13.400
0.390
0.900
0.100
147.600
1.012
5.314
5.0
0.483
50.200
1.294
-38.000
0.453
-20.200
0.236
112.500
0.997
4.558
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE68819
VCE = 3.0 V, IC = 20 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
VCE = 5.0 V, IC = 10 mA
0.1
0.717
-44.700
22.801
147.800
0.029
68.600
0.867
-28.800
0.210
28.956
0.4
0.466
-119.600
10.924
103.000
0.063
49.200
0.442
-67.400
0.609
22.390
0.8
0.383
-161.000
5.912
80.300
0.093
48.100
0.279
-81.500
0.886
18.033
1.0
0.371
-173.600
4.804
72.300
0.108
47.600
0.246
-84.900
0.954
16.482
1.5
0.356
163.800
3.304
55.300
0.149
43.800
0.206
-89.800
1.029
12.415
2.0
0.349
146.600
2.545
40.600
0.192
37.800
0.183
-94.100
1.055
9.785
2.5
0.346
131.700
2.110
26.300
0.237
30.200
0.163
-99.400
1.055
8.057
3.0
0.349
118.200
1.842
12.700
0.282
21.500
0.140
-111.400
1.045
6.851
4.0
0.403
87.800
1.503
-13.400
0.369
1.900
0.113
-179.400
1.015
5.349
5.0
0.485
53.100
1.262
-38.900
0.437
-18.800
0.229
127.200
0.992
4.606
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain


Similar Part No. - NE688

ManufacturerPart #DatasheetDescription
logo
NEC
NE688 NEC-NE688 Datasheet
231Kb / 19P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68800 NEC-NE68800 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68800 NEC-NE68800 Datasheet
231Kb / 19P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68800 NEC-NE68800 Datasheet
28Kb / 1P
   NONLINEAR MODEL
NE68818-T1 NEC-NE68818-T1 Datasheet
231Kb / 19P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE688

ManufacturerPart #DatasheetDescription
logo
NEC
NE686 NEC-NE686 Datasheet
140Kb / 11P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE685 NEC-NE685 Datasheet
176Kb / 17P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE687 NEC-NE687 Datasheet
196Kb / 21P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687 CEL-NE687 Datasheet
314Kb / 22P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE685 CEL-NE685 Datasheet
354Kb / 18P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE686 CEL-NE686 Datasheet
258Kb / 12P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE688 NEC-NE688 Datasheet
231Kb / 19P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5583 MOTOROLA-MRF5583 Datasheet
67Kb / 4P
   SURFACE MOUNT HIGH-FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
BSP19AT1 ONSEMI-BSP19AT1 Datasheet
83Kb / 6P
   NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com