Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE68130-T1-A Datasheet(PDF) 10 Page - California Eastern Labs

Part # NE68130-T1-A
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE68130-T1-A Datasheet(HTML) 10 Page - California Eastern Labs

Back Button NE68130-T1-A Datasheet HTML 6Page - California Eastern Labs NE68130-T1-A Datasheet HTML 7Page - California Eastern Labs NE68130-T1-A Datasheet HTML 8Page - California Eastern Labs NE68130-T1-A Datasheet HTML 9Page - California Eastern Labs NE68130-T1-A Datasheet HTML 10Page - California Eastern Labs NE68130-T1-A Datasheet HTML 11Page - California Eastern Labs NE68130-T1-A Datasheet HTML 12Page - California Eastern Labs NE68130-T1-A Datasheet HTML 13Page - California Eastern Labs NE68130-T1-A Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
NE681 SERIES
VCE = 2.5 V, IC = 0.3 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
NE68139
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
50
0.996
-3.4
1.089
175.2
0.014
83.2
0.995
-1.1
0.13
18.9
100
0.995
-11.4
1.079
173.1
0.027
80.3
0.993
-2.7
0.06
16.0
200
0.990
-20.3
1.071
161.9
0.050
74.5
0.989
-5.7
0.16
13.3
300
0.973
-30.7
1.032
153.6
0.075
68.7
0.985
-8.7
0.19
11.4
400
0.953
-41.2
0.993
145.9
0.098
64.3
0.976
-11.4
0.19
10.1
500
0.931
-50.3
0.991
137.2
0.122
59.3
0.965
-13.8
0.25
9.1
600
0.909
-60.5
1.008
129.9
0.138
53.5
0.949
-16.4
0.28
8.6
800
0.862
-79.9
0.908
114.3
0.167
42.7
0.918
-21.0
0.37
7.4
1000
0.819
-98.5
0.871
101.2
0.184
33.4
0.888
-25.0
0.45
6.8
1500
0.744
-140.0
0.729
72.2
0.192
14.1
0.828
-35.2
0.66
5.8
2000
0.732
-173.0
0.632
51.7
0.155
3.4
0.802
-46.3
0.85
5.0
3000
0.762
142.1
0.438
28.5
0.089
8.4
0.770
-76.7
1.62
2.3
50
0.985
-6.8
3.763
175.3
0.016
86.4
0.989
-2.8
0.01
23.7
100
0.971
-14.8
3.648
171.0
0.029
82.4
0.980
-4.8
0.01
21.0
200
0.942
-27.5
3.497
159.1
0.050
74.3
0.963
-9.5
0.10
18.4
300
0.914
-40.4
3.346
149.4
0.070
65.4
0.946
-13.9
0.17
16.8
400
0.876
-53.8
3.184
140.6
0.092
58.7
0.916
-17.8
0.20
15.4
500
0.828
-65.2
3.043
131.8
0.106
53.8
0.884
-20.9
0.25
14.6
600
0.790
-76.9
2.880
124.1
0.119
47.7
0.845
-24.1
0.30
13.8
800
0.715
-98.4
2.516
109.8
0.137
38.9
0.778
-28.6
0.40
12.6
1000
0.663
-117.6
2.237
98.4
0.145
32.3
0.726
-31.9
0.49
11.9
1500
0.596
-157.8
1.686
74.8
0.145
23.5
0.631
-39.8
0.75
10.7
2000
0.600
173.8
1.346
56.9
0.130
24.6
0.583
-48.9
1.04
8.9
3000
0.660
136.9
0.941
30.9
0.144
47.4
0.538
-75.9
1.21
5.4
VCE = 2.5 V, IC = 1.0 mA
50
0.916
-10.7
10.426
172.1
0.015
84.7
0.975
-4.6
0.07
28.4
100
0.895
-23.5
9.954
164.8
0.027
79.0
0.972
-9.6
0.05
25.7
200
0.829
-42.0
9.011
148.6
0.046
67.6
0.910
-18.1
0.19
22.9
300
0.755
-60.3
8.067
136.2
0.061
57.7
0.826
-24.5
0.29
21.2
400
0.694
-76.4
7.165
125.8
0.074
52.4
0.754
-29.3
0.35
19.9
500
0.619
-90.0
6.329
117.1
0.083
49.8
0.690
-32.3
0.43
18.8
600
0.574
-103.0
5.660
109.8
0.089
46.7
0.634
-34.4
0.50
18.0
800
0.500
-125.0
4.558
97.8
0.099
43.3
0.552
-37.1
0.65
16.6
1000
0.470
-143.4
3.815
88.7
0.106
42.0
0.496
-38.6
0.77
15.6
1500
0.453
-178.4
2.684
70.7
0.123
43.6
0.412
-43.3
0.99
13.4
2000
0.481
159.4
2.078
56.4
0.141
47.3
0.362
-51.3
1.11
9.7
3000
0.567
130.6
1.442
34.1
0.197
49.7
0.302
-78.6
1.08
6.9
VCE = 2.5 V, IC = 3 mA
Coordinates in Ohms
Frequency in GHz
(VCE = 2.5 V, IC = 3 mA)
10
4
2
1
.6
.2
-.2
-.6
-1
-2
-4
-10
0
S11
3 GHz
S22
0.5 GHz
S22
3 GHz
10
4
S11
0.5 GHz
.6
.2
2
1
90˚
270˚
180˚
225˚
315˚
135˚
45˚
10
0.15
0.10
0.05
7.5
5
2.5
S12
3 GHz
S12
0.5 GHz
S21
3 GHz
S21
0.5 GHz
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain


Similar Part No. - NE68130-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE68130-T1 NEC-NE68130-T1 Datasheet
218Kb / 20P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68130-T1-A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com