Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MY87 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MY87
Description  Triple-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MY87 Datasheet(HTML) 1 Page - Tyco Electronics

  MY87 Datasheet HTML 1Page - Tyco Electronics MY87 Datasheet HTML 2Page - Tyco Electronics MY87 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
!
"
!
"
!
"
! #
$
!
!
%&
&
'()
*
&
'()
+
&
'()
%& ,*+ - .
/
0!
! 1
-*2 3 +
,- /45,3 +
, (
62
#
7
!
8
9!
$
!
:8
!
;$ #
!
##
!
"
9! $ )
< "
=: !9 ;$
! 7
7 !
7 $!
!
! #
!
" $
" 9"
#
$
7: #
$
!
!
:
=
$
!
!$ 8
> $
7:
-!? !
!
! !9
?
7
6+%>< ,>
8 6+%>< ,>
6+%>, %>
8
! $
:
62
#
62
@
<64 @ !!
)
! " #!
$ " %&' (
) *
+
,-
.
/
0
.,
1
%2#3/
4#53
%6#3/
<</ @ !?
! %
0
1A <</ 5
9$
0
1
/
/
/
+
!8%
* 0 !1
%B
'()
%B
'()
/
/
+
!8%
+0 !1
%B
'()
/
/ @ !?
! @
#
%B .
/
/
.
+!#$ +C
/
/
.
.


Similar Part No. - MY87

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MY87 MACOM-MY87 Datasheet
401Kb / 3P
   Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
MY87 MA-COM-MY87 Datasheet
157Kb / 3P
   Triple-Balanced Mixer
MY87 MA-COM-MY87 Datasheet
157Kb / 3P
   Triple-Balanced Mixer
logo
Tyco Electronics
MY87C MACOM-MY87C Datasheet
401Kb / 3P
   Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
MY87C MA-COM-MY87C Datasheet
157Kb / 3P
   Triple-Balanced Mixer
More results

Similar Description - MY87

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MZ8810 MACOM-MZ8810 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
MY89 MACOM-MY89 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MY93 MACOM-MY93 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MZ9313 MACOM-MZ9313 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
M51M51C MACOM-M51M51C Datasheet
135Kb / 2P
   TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M2TC MA-COM-M2TC_15 Datasheet
933Kb / 3P
   Triple-Balanced Mixer
MY52 MA-COM-MY52_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MY52C MA-COM-MY52C_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C_15 Datasheet
152Kb / 3P
   Triple-Balanced Mixer
M52C MA-COM-M52C_15 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
MY82C MA-COM-MY82C_15 Datasheet
83Kb / 2P
   Triple-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com