Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECG055C Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # ECG055C
Description  InGaP HBT Gain Block
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG055C Datasheet(HTML) 1 Page - WJ Communication. Inc.

  ECG055C_07 Datasheet HTML 1Page - WJ Communication. Inc. ECG055C_07 Datasheet HTML 2Page - WJ Communication. Inc. ECG055C_07 Datasheet HTML 3Page - WJ Communication. Inc. ECG055C_07 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 4
April 2007
ECG055C
InGaP HBT Gain Block
Product Features
DC – 6 GHz
+18 dBm P1dB at 1 GHz
+34 dBm OIP3 at 1 GHz
20.5 dB Gain at 1 GHz
3.4 dB Noise Figure
Available in Lead-free / green
SOT-86 Package Style
Internally matched to 50 Ω
Applications
Mobile Infrastructure
CATV / FTTX
W-LAN / ISM
RFID
WiMAX / WiBro
Product Description
The ECG055C is a general-purpose buffer amplifier that
offers high dynamic range in a low-cost surface-mount
package. At 1000 MHz, the ECG055C typically provides
19.7 dB of gain, +34 dBm Output IP3, and +18 dBm P1dB.
The ECG055C consists of Darlington pair amplifiers using
the high reliability InGaP/GaAs HBT process technology
and only requires DC-blocking capacitors, a bias resistor,
and an inductive RF choke for operation. The device is
ideal for wireless applications and is available in low-cost,
surface-mountable plastic lead-free/green/RoHS-compliant
SOT-86 packages. A SOT-89 version is also available as
the ECG055B. All devices are 100% RF and DC tested.
The broadband MMIC amplifier can be directly applied to
various current and next generation wireless technologies
such as GPRS, GSM, CDMA, and W-CDMA. In addition,
the ECG055C will work for other various applications
within the DC to 6 GHz frequency range such as CATV
and fixed wireless.
Functional Diagram
RF Out
RF In
GND
GND
1
2
3
4
Function
Pin No.
Input
1
Output/Bias
3
Ground
2, 4
Specifications
(1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
DC
6000
Test Frequency
MHz
1000
Gain
dB
19.7
Output P1dB
dBm
+18
Output IP3
(2)
dBm
+34
Test Frequency
MHz
2000
Gain
dB
17
18
19
Input Return Loss
dB
22
Output Return Loss
dB
21
Output P1dB
dBm
+18
Output IP3
(2)
dBm
+32
Noise Figure
dB
3.4
Device Voltage
V
4.2
4.8
5.3
Device Current
mA
65
1. Test conditions unless otherwise noted: 25 ºC, Supply Voltage = +6 V, Rbias = 18 Ω, 50 Ω system.
2. 3OIP measured with two tones at an output power of +4 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85 °C
Storage Temperature
-65 to +150 °C
RF Input Power (continuous)
+12 dBm
Device Current
150 mA
Junction Temperature
+250 °C
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
(1)
Parameter
Units
Typical
Frequency
MHz
500
900
1900
2140
S21
dB
20.1
19.7
18.2
17.9
S11
dB
-35
-26
-22
-22
S22
dB
-23
-22
-21
-21
Output P1dB
dBm
+18
+18.1
+18.2
+17.8
Output IP3
dBm
+34
+34
+32
+30.5
Noise Figure
dB
3.6
3.4
3.4
3.4
Ordering Information
Part No.
Description
ECG055C-G
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-86 package)
ECG055C-PCB
700 –2400 MHz Fully Assembled Eval. Board


Similar Part No. - ECG055C_07

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG055C-G WJCI-ECG055C-G Datasheet
143Kb / 4P
   InGaP HBT Gain Block
ECG055C-PCB WJCI-ECG055C-PCB Datasheet
311Kb / 7P
   The Communications Edge
ECG055C-PCB WJCI-ECG055C-PCB Datasheet
143Kb / 4P
   InGaP HBT Gain Block
More results

Similar Description - ECG055C_07

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com