Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECG015B-G Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # ECG015B-G
Description  쩌 Watt, High Linearity InGaP HBT Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG015B-G Datasheet(HTML) 4 Page - WJ Communication. Inc.

  ECG015B-G Datasheet HTML 1Page - WJ Communication. Inc. ECG015B-G Datasheet HTML 2Page - WJ Communication. Inc. ECG015B-G Datasheet HTML 3Page - WJ Communication. Inc. ECG015B-G Datasheet HTML 4Page - WJ Communication. Inc. ECG015B-G Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 5
October 2006
ECG015
¼ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
2450 MHz Reference Design
Typical RF Performance at 25 °°°°C
∗ Please see note 2 on page 1.
R ES
ID=R3
R =220 Ohm
CAP
ID=C4
C=56 pF
CAP
ID=C5
C=56 pF
CAP
ID=C1
C=56 pF
IND
ID=L2
L=15 nH
RES
ID=R1
R=30 Ohm
IND
ID=L1
L=15 nH
CAP
ID=C2
C=1000 pF
CAP
CAP
ID=C6
C=56 pF
RES
ID=R4
R=22 Ohm
DIODE1
ID=D1
CAP
ID=C8
C=1 pF
RES
ID=L3
R=0 Ohm
RES
ID=R2
R=390 Ohm
SUBCKT
NET="ECG015"
PORT
P=2
Z=50 Ohm
PORT
P=1
Z=50 Ohm
+8 V
ID=C3
C=.1uF
a system using a DC regulator.
boards. It is not specifically required in the final circuit layout in
The diode D 1 is use d as over-voltage protection on the evaluation
8.2 v
C8 placed half way between silkscreen marker ‘3’ and ‘4’ or center of component placed at
23 deg. @ 2.45 GHz away from pin 3.
Ssg, OIP3 and P1dB vs.
Temperature at 2.45GHz
14
16
18
20
22
24
26
-40
-15
10
35
60
85
Temperature (°C)
38
39
40
41
42
43
44
Ssg
P1dB
OIP3
Frequency
2450 MHz
Gain
14.5 dB
Input Return Loss
12 dB
Output Return Loss
9 dB
Output P1dB
+23 dBm
Output IP3
(+9 dBm / tone, 1 MHz spacing)
+42 dBm
Noise Figure
5 dB
Device Voltage
+5 V
Quiescent Current
100 mA


Similar Part No. - ECG015B-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECG015B-G ETC-ECG015B-G Datasheet
198Kb / 5P
   1/4 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - ECG015B-G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH118-RFID WJCI-AH118-RFID Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114 WJCI-AH114_06 Datasheet
295Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114 WJCI-AH114 Datasheet
320Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118 WJCI-AH118 Datasheet
261Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118 Datasheet
843Kb / 14P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH118 WJCI-AH118_06 Datasheet
273Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
SCG015 WJCI-SCG015_06 Datasheet
203Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH128-89G TRIQUINT-AH128-89G Datasheet
791Kb / 17P
   쩌 W High Linearity InGaP HBT Amplifier
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com