Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL7701P1C Datasheet(PDF) 1 Page - NEC

Part # NDL7701P1C
Description  1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7701P1C Datasheet(HTML) 1 Page - NEC

  NDL7701P1C Datasheet HTML 1Page - NEC NDL7701P1C Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1550 nm OPTICAL FIBER
COMMUNICATIONS InGaAsP
STRAINED MQW-DFB DC-PBH
LASER DIODE MODULE
NDL7701P
SERIES
FEATURES
• PEAK EMISSION WAVELENGTH:
λP = 1550 nm
• LOW THRESHOLD CURRENT:
ITH = 15 mA @ TC = 25
°C
• InGaAs MONITOR PIN-PD
• WIDE OPERATING TEMPERATURE RANGE:
TC = -20 to +85
°C
• BASED ON BELLCORE TA-NWT-000983
The NDL7701P Series is a 1550 nm
λ/4-phase-shifted DFB
(Distributed Feed-Back) laser diode with single mode fiber.
The newly developed strained Multiple Quantum Well (st-
MQW) structure is adopted to achieve stable dynamic single
longitudinal mode operation over a wide temperature range of
-20 to +85
°C. It is designed for all STM-1 and STM-4 applica-
tions.
DESCRIPTION
California Eastern Laboratories
Note:
Pf
1.
γ = 10 log
2mW
PART NUMBER
NDL7701P Series
PACKAGE OUTLINE
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, Pf = 2 mW, TC = 25
°C
V
1.3
ITH
Threshold Current, TC = 25
°CmA
15
25
ηd
Differential Efficiency from Fiber, Pf = 2 mW, TC = 25
°C
W/A
0.1
∆ηd
Temperature Dependence of Differential Efficiency
dB
-3.0
-2.5
from Fiber,
∆ηd = 10 log
λp
Peak Emission Wavelength, Pf = 1 mW, PN 1/2,
nm
1530
1550
1570
Ib = ITH, 622 Mb/s-NRZ
SMSR
Side Mode Suppression Ratio, Pf = 1 mW, PN 1/2,
dB
30
Ib = ITH, 622 Mb/s-NRZ
tr
Rise Time, 10-90%, TC = 25
°C
ns
0.5
tf
Fall Time, 90-10%, TC = 25
°C
ns
0.5
Im
Monitor Current, VR = 5 V, Pf = 2 mW
µA
100
ID
Monitor Dark Current, VR = 5 V, TC = 25
°C
nA
0.1
5
γ1
Tracking Error, Im = const.
dB
1.0
ELECTRO-OPTICAL CHARACTERISTICS (TC = -20 to +85°C, unless otherwise specified)
ηd (TC = 85°C)
ηd (TC = 25°C)
TC = 25
°C
TC = -20 to +85
°C
Pf
(mW)
(at Pf (25
°C) = 2 mW)
2
0
Pf
Im
Im


Similar Part No. - NDL7701P1C

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7701P1C NEC-NDL7701P1C Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
More results

Similar Description - NDL7701P1C

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7705P NEC-NDL7705P_00 Datasheet
48Kb / 4P
   1500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7603P NEC-NDL7603P_00 Datasheet
35Kb / 3P
   1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
   1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7553P NEC-NDL7553P_00 Datasheet
29Kb / 3P
   InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1550 nm OTDR APPLICATION
NDL7620P NEC-NDL7620P_00 Datasheet
45Kb / 4P
   1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
NDL7705P NEC-NDL7705P Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7603P NEC-NDL7603P Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
logo
California Eastern Labs
NDL7408P CEL-NDL7408P_00 Datasheet
55Kb / 5P
   1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com