Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSS102M50V12.5X20TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSS102M50V12.5X20TRF
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSS102M50V12.5X20TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSS102M50V12.5X20TRF Datasheet HTML 1Page - NIC-Components Corp. NRSS102M50V12.5X20TRF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
46
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
47
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
RADIAL LEADS, POLARIZED, NEW REDUCED CASE
SIZING (FURTHER REDUCED FROM NRSA SERIES)
EXPANDED TAPING AVAILABILITY
NRSS Series
CHARACTERISTICS
PERMISSIBLE RIPPLE CURRENT
(mA rms AT 120Hz AND 85OC)
MAXIMUM E.S.R. (
Ω AT 120HZ AND 20OC)
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
e
g
n
a
R
e
g
a
tl
o
V
d
e
t
a
R
C
D
V
0
0
1
~
3
.
6
e
g
n
a
R
e
c
n
a
ti
c
a
p
a
C
0
0
0
,
0
1
~
0
1
µF
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
C
°
5
8
+
~
0
4
-
e
c
n
a
r
e
l
o
T
e
c
n
a
ti
c
a
p
a
C
+
%
0
2
0
2
(
@
t
n
e
r
r
u
C
e
g
a
k
a
e
L
.
x
a
M
o
)
C
.
n
i
m
1
r
e
tf
A
4
r
o
V
C
3
0
.
0
µ
r
e
t
a
e
r
g
s
i
r
e
v
e
h
c
i
h
w
,
A
.
n
i
m
2
r
e
tf
A
3
r
o
V
C
1
0
.
0
µ
r
e
t
a
e
r
g
s
i
r
e
v
e
h
c
i
h
w
,
A
n
a
T
.
x
a
M
δ
C
°
0
2
/
z
H
0
2
1
@
)
c
d
V
(
.
V
.
W
3
.
6
0
1
6
1
5
2
5
3
0
5
3
6
0
0
1
)
c
d
V
(
.
V
.
S
8
3
1
0
2
2
3
4
4
3
6
9
7
5
2
1
C <
0
0
0
,
1
µF
8
2
.
0
4
2
.
0
0
2
.
0
6
1
.
0
4
1
.
0
2
1
.
0
0
1
.
0
8
0
.
0
0
0
2
,
2
=
C
µF
0
3
.
0
6
2
.
0
2
2
.
0
8
1
.
0
6
1
.
0
4
1
.
0
0
0
3
,
3
=
C
µF
2
3
.
0
8
2
.
0
4
2
.
0
0
2
.
0
8
1
.
0
8
1
.
0
0
0
7
,
4
=
C
µF
4
3
.
0
0
3
.
0
6
2
.
0
2
2
.
0
0
2
.
0
0
0
8
,
6
=
C
µF
6
3
.
0
2
3
.
0
8
2
.
0
4
2
.
0
0
0
0
,
0
1
=
C
µF
8
3
.
0
4
3
.
0
0
3
.
0
y
ti
li
b
a
t
S
e
r
u
t
a
r
e
p
m
e
T
w
o
L
z
H
0
2
1
@
o
it
a
R
e
c
n
a
d
e
p
m
I
C
°
0
2
+
Z
/
C
°
5
2
-
Z
5
4
3
2
2
2
2
2
C
°
0
2
+
Z
/
C
°
0
4
-
Z
2
1
0
1
8
5
4
4
4
4
.
V
.
W
d
e
t
a
R
t
a
t
s
e
T
e
fi
L
d
a
o
L
s
r
u
o
H
0
0
0
,
2
C
°
5
8
e
g
n
a
h
C
e
c
n
a
ti
c
a
p
a
C
n
i
h
ti
W
+
e
u
l
a
v
d
e
r
u
s
a
e
m
l
a
it
i
n
i
f
o
%
0
2
n
a
T
δ
e
u
l
a
v
m
u
m
i
x
a
m
d
e
if
i
c
e
p
s
f
o
%
0
0
2
n
a
h
t
s
s
e
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
u
l
a
v
m
u
m
i
x
a
m
d
e
if
i
c
e
p
s
n
a
h
t
s
s
e
L
t
s
e
T
e
fi
L
fl
e
h
S
s
r
u
o
H
0
0
0
,
1
C
°
5
8
d
a
o
L
o
N
e
g
n
a
h
C
e
c
n
a
ti
c
a
p
a
C
n
i
h
ti
W
+
e
u
l
a
v
d
e
r
u
s
a
e
m
l
a
it
i
n
i
f
o
%
0
2
n
a
T
δ
e
u
l
a
v
m
u
m
i
x
a
m
d
e
if
i
c
e
p
s
f
o
%
0
0
2
n
a
h
t
s
s
e
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
u
l
a
v
m
u
m
i
x
a
m
d
e
if
i
c
e
p
s
n
a
h
t
s
s
e
L
µ �
��
µ �
��
)
z
H
(
y
c
n
e
u
q
e
r
F
0
5
0
2
1
0
0
3
K
1
K
0
1
7
4
~
µF
5
7
.
0
0
0
.
1
5
3
.
1
7
5
.
1
0
0
.
2
0
7
4
~
0
0
1
µF
0
8
.
0
0
0
.
1
3
2
.
1
4
3
.
1
0
5
.
1
0
0
0
1
µ ~
F
5
8
.
0
0
0
.
1
0
1
.
1
3
1
.
1
5
1
.
1
NRSA
NRSS
(today’s standard)
(reduced sizes)
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NRSS102M50V12.5X20TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSS102M50V12.5x25F NIC-NRSS102M50V12.5x25F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSS102M50V12.5X20TRF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com