Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC5505 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RC5505
Description  UHF Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC5505 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RC5505 Datasheet HTML 1Page - List of Unclassifed Manufacturers RC5505 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RC5501 (UHF Controller)
Data Sheet
smtag international
SMTAG
Specification RC550X
Compatibility
TM, TC family
Performance
Data rate ¹
2.4 to 19.2 Kbs (programmable)
UID receive rate – ID only
2 Bytes @ 19’200 Baud rate
Up to 5’000 UID’s per second
UID receive rate –128 bit data
packets @ 57’600 Baud rate
(UID + data)
Up to 1’000 UID’s per second
Stability/Filter (Data Integrity)
8 or 16 bit CRC
Communication
Base Frequency
868MHz (EC) or 915MHz (US) ISM
Band (factory preset)
Modulation
FSK
Base Band Width
67 to 405 KHz
Sensitivity ¹
- 61 to 103 dBm
Channel
4096 per base frequency
Frequency/Channel hopping
Programmable
Number of antennas
1
Certification
EN 300 220 (EC); FCC part 15 (US)
Micro controller
Flash Memory
7 Kb
Data RAM
64 Bytes
External EEPROM
256 Kb (data logging)
Electrical
Powering
5 volts DC power supply
4 AAA batteries mounted on the inside
(optional)
Voltage
5 volts regulated
Power consumption
Active:
Idle:
Stand by:
25 mA max. (during RF transmit
operations)
1.5 mA
2 uA
Environmental
Operating temperature
-40ºC to +85ºC / -40ºF to +185ºF
Storage temperature
-40ºC to +85ºC / -40ºF to +185ºF
Humidity
5% to 90% (non condensing)
Physical
Dimensions
87 x 153 x 55 mm
Weight
150 grams
Colour
Grey
Type of material
ABS
smTAG is a global supplier of innovative
RFID Technology in the UHF band.
With its unique system approach smtag
provides an easy to implement set of
products, which reduces the time for
implementation dramatically.
System integrators of industrial, medical
and corporate solutions gets high quality
products, which offers a max. return on
investment.
FSK-C product line increase efficiency and
quality
To learn more about how the FSK-C
product family can increase profitability for
business, contact one of smtag’s business
partner
Partner Network
Partner
Company
Details
Copyright © 2005 smtag international
All rights reserved
v.1.5 (10/05)
¹ in the course of Q1/06 a PC based configuration application will be
downloadable from “www.smtag.com”
ELECTRONIC HARDWARE AG • Industriestr. 8 • CH-8618 Oetwil a/S. • Tel. +41 43 844 94 00 • Fax +41 43 844 94 01 • www.ehag.ch • info@ehag.ch


Similar Part No. - RC5505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
   Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
   Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
   Precision Metal Film Resistors
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RC5532A FAIRCHILD-RC5532A Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
More results

Similar Description - RC5505

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
   UHF Radio Packet Controller
logo
Pasternack Enterprises,...
PE9094 PASTERNACK-PE9094 Datasheet
243Kb / 3P
   UHF Female to UHF Female Adapter
PE9096 PASTERNACK-PE9096 Datasheet
246Kb / 3P
   UHF Male to UHF Male Adapter
logo
RF Micro Devices
RF2512 RFMD-RF2512 Datasheet
313Kb / 14P
   UHF TRANSMITTER
logo
Emerson Network Power
25-7550 EMERSON-NETWORKPOWER-25-7550 Datasheet
223Kb / 2P
   UHF Connectors
logo
Pasternack Enterprises,...
PE9344 PASTERNACK-PE9344 Datasheet
250Kb / 3P
   UHF Female to Mini UHF Male Adapter
PE3796LF PASTERNACK-PE3796LF Datasheet
270Kb / 1P
   CABLE ASSEMBLY UHF MALE TO UHF MALE
logo
RF Micro Devices
RF2513 RFMD-RF2513 Datasheet
321Kb / 14P
   UHF TRANSMITTER
logo
Adam Technologies, Inc.
RF6-18-D-00-50-HDW ADAM-TECH-RF6-18-D-00-50-HDW Datasheet
87Kb / 1P
   UHF CONNECTOR
RF9-01-D-01-50 ADAM-TECH-RF9-01-D-01-50 Datasheet
101Kb / 1P
   MINIATURE UHF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com