Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRG18BB221MB1RB Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PRG18BB221MB1RB
Description  for Surface Mounting Application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRG18BB221MB1RB Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PRG18BB221MB1RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRG18BB221MB1RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRG18BB221MB1RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PRG18BB221MB1RB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PRG18BB221MB1RB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PRG18BB221MB1RB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PRG18BB221MB1RB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PRG18BB221MB1RB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PRG18BB221MB1RB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Part Number
Characteristics
Resistance
(at +25
°C)
Sensing Temp.
(at 4.7k ohm)
Maximum
Voltage
Operating Temp.
PRF15BA471QB1RC
BA
470ohm
±50%
125
±5°C
32VDC
-20 to +140
°C
PRF15BB471QB1RC
PRF15BC471QB1RC
BB
BC
115
±5°C
105
±5°C
-20 to +130
°C
-20 to +120
°C
What is a Thermistor?
PRF15/18 Series Chip POSISTORr for Overheat Sensing
PRF15 Series Characteristics
Thermally Sensitive Resistor
NTC
Negative
Temperature
Coefficient
Positive
Temperature
Coefficient
PTC
Thermistor
Characteristics of Thermistors
Resistance - Temperature Characteristics
PTC Thermistor
(POSISTORr)
BaTiO
3 + X
Ceramics
NTC Thermistor
Mn-Ni, Mn-Co-Cu,
Mn-Ni + X
Ceramics
Log
R
T
2xR25
R25
25
Curie
Point
Log
R
T
R25
25
PRF15/18 PTC Chip thermistors detect overheating of
Hybrid ICs, Power Transistors, Power Diodes and
Power ICs etc.
1. 0402 and 0603 light weight
2. High gain simplifies circuit design
3. Free of contact noise and problems
4. Pb free plated terminations.
5. Sturdy construction resists mechanical vibration
and shock.
R1
RL
RE
R2
PRF
Thermal
Contact
Thermal
Contact
+Vcc
GND
Fan Motor
Vref
M
PRF
Comparator
Power IC
Control IC
Example
(in mm)
Dimensions
Electrode
Construction
Cross-sectional
Nickel Barrier
Sn Plating
Ceramic
PTC
0.1-0.4
1.0
±0.05
0.5
±0.05
0.5
±0.05
New
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R01E.pdf
06.1.25


Similar Part No. - PRG18BB221MB1RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRG18BB221MB1RB MURATA1-PRG18BB221MB1RB Datasheet
589Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PRG18BB221MB1RB MURATA1-PRG18BB221MB1RB Datasheet
632Kb / 3P
   PTC Thermistors
02/05/2024
PRG18BB221MB1RB MURATA1-PRG18BB221MB1RB_V01 Datasheet
589Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
PRG18BB221MB1RB MURATA1-PRG18BB221MB1RB_V02 Datasheet
632Kb / 3P
   PTC Thermistors
02/05/2024
More results

Similar Description - PRG18BB221MB1RB

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
   For Surface Mount Application
logo
First Silicon Co., Ltd
RS1A FS-RS1A Datasheet
347Kb / 2P
   For surface mounted application
logo
Leshan Radio Company
LBZT52C2V4T1G LRC-LBZT52C2V4T1G Datasheet
639Kb / 3P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
logo
Leshan Radio Company
LBZT52MB3V6T1G LRC-LBZT52MB3V6T1G Datasheet
324Kb / 4P
   Ideal for Surface Mountted Application
logo
Sangdest Microelectroni...
MB05F SMC-MB05F Datasheet
158Kb / 4P
   Designed for surface mount application
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
   Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
DB3015C TOKO-DB3015C Datasheet
177Kb / 3P
   Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com