Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD-179PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # MD-179PIN
Description  Termination Insensitive Mixer, 1 - 4000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MD-179PIN Datasheet(HTML) 1 Page - Tyco Electronics

  MD-179PIN Datasheet HTML 1Page - Tyco Electronics MD-179PIN Datasheet HTML 2Page - Tyco Electronics MD-179PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Termination Insensitive Mixer,
1 - 4000 MHz
FP-2 (MD-179)
V 3.00
Features
n
Intermodulation Ratio is Insensitive to Port Mismatches
n
VSWR: <2.0:1 Typical Midband
n
Isolation: 35 dB Typical Midband
n
Impedance: 50 Ohms Nominal
n
Maximum Input Power: 350 mW Max @ 25°C, Derated
to 85°C @ 3.2 mW/°C
n
LO Power: +24 dBm Max.
n
MIL-STD-883 Screening Available
Description
The unique design of the termination insensitive mixer
(TIM) enables it to apply high reverse voltage to diodes
during their “off” phase, in the LO cycle. This allows for
higher power level performance with minimum distortion.
In addition the TIM has internal loads that provide a good
match and also absorb mixer generated LO frequency
terms.
Combined, these features give the mixer its
insensitivity to external mismatches, plus superior VSWR.
C-7 (MDC-179)
Pin Configuration (MD-179)
Pin No.
Function
Pin No.
Function
1
GND
5
LO
2
GND
6
GND
3
GND
7
GND
4
IF
8
RF


Similar Part No. - MD-179PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MD-179PIN MA-COM-MD-179PIN Datasheet
64Kb / 3P
   Termination Insensitive Mixer, 1 - 4000 MHz
More results

Similar Description - MD-179PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MD-179PIN MA-COM-MD-179PIN Datasheet
64Kb / 3P
   Termination Insensitive Mixer, 1 - 4000 MHz
logo
Tyco Electronics
MD-160 MACOM-MD-160 Datasheet
215Kb / 3P
   Termination-Insensitive Mixer, 1 - 1500 MHz
MD-161 MACOM-MD-161 Datasheet
202Kb / 3P
   Termination-Insensitive Mixer, 1 - 500 MHz
logo
M/A-COM Technology Solu...
MD-160 MA-COM-MD-160 Datasheet
80Kb / 3P
   Termination Insensitive Mixer, 1 - 1500 MHz
MD-161 MA-COM-MD-161 Datasheet
109Kb / 3P
   Termination Insensitive Mixer, 1 - 500 MHz
logo
Tyco Electronics
MD-169 MACOM-MD-169 Datasheet
168Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
MDS-169 MACOM-MDS-169 Datasheet
248Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
logo
M/A-COM Technology Solu...
MDC-164 MA-COM-MDC-164 Datasheet
79Kb / 3P
   Termination-Insensitive Mixer, Termination-Insensitive Mixer,
MD-169 MA-COM-MD-169 Datasheet
105Kb / 4P
   Termination Insensitive Mixer, 1 MHz - 3.5 GHz
logo
Tyco Electronics
MDS-189 MACOM-MDS-189 Datasheet
222Kb / 3P
   High Level Termination Insensitive Mixer, 1 - 3500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com