Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBF170 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMBF170
Description  N-channel enhancement mode vertical D-MOS transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBF170 Datasheet(HTML) 4 Page - NXP Semiconductors

  PMBF170 Datasheet HTML 1Page - NXP Semiconductors PMBF170 Datasheet HTML 2Page - NXP Semiconductors PMBF170 Datasheet HTML 3Page - NXP Semiconductors PMBF170 Datasheet HTML 4Page - NXP Semiconductors PMBF170 Datasheet HTML 5Page - NXP Semiconductors PMBF170 Datasheet HTML 6Page - NXP Semiconductors PMBF170 Datasheet HTML 7Page - NXP Semiconductors PMBF170 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
April 1995
4
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
PMBF170
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Drain-source breakdown voltage
min.
typ.
60
90
V
V
ID =10 µA; VGS =0
V(BR) DSS
Drain-source leakage current
VDS = 25 V; VGS =0
IDSS
max.
500 nA
VDS = 48 V; VGS =0
IDSS
max.
1
µA
Gate-source leakage current
VGS = 15 V; VDS =0
IGSS
max.
10 nA
Gate-source cut-off voltage
min.
max.
0.8
3.0
V
V
ID = 1 mA; VDS =VGS
VGS(th)
Drain-source on-resistance
typ.
max.
2.5
5.0
ID = 200 mA; VGS =10V
RDS(on)
Transfer admittance
min.
typ.
100
200
mS
mS
ID = 200 mA; VDS =10V
 Yfs
Input capacitance
typ.
max.
25
40
pF
pF
VDS = 10 V; VGS = 0 V; f = 1 MHz
Ciss
Output capacitance
typ.
max.
22
30
pF
pF
VDS = 10 V; VGS = 0 V; f = 1 MHz
Coss
Feedback capacitance
typ.
max.
6
10
pF
pF
VDS = 10 V; VGS = 0 V; f = 1 MHz
Crss
Switching times
ton
toff
max.
max.
10
15
ns
ns
VGS = 0 to 10 V; ID = 200 mA ; VDD = 50 V


Similar Part No. - PMBF170

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBF170 NEXPERIA-PMBF170 Datasheet
379Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 03 - 23 June 2000
More results

Similar Description - PMBF170

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSN20 PHILIPS-BSN20 Datasheet
101Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
1997 Jun 18
BSP030 PHILIPS-BSP030 Datasheet
109Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
1997 Mar 13
BSP108 PHILIPS-BSP108 Datasheet
64Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BSP127 PHILIPS-BSP127 Datasheet
50Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BS107 PHILIPS-BS107 Datasheet
65Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BS108 PHILIPS-BS108 Datasheet
56Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
Guangdong Kexin Industr...
KSS87 KEXIN-KSS87 Datasheet
52Kb / 2P
   N-Channel Enhancement Mode Vertical D-MOS Transistor
logo
Nexperia B.V. All right...
BSP122 NEXPERIA-BSP122 Datasheet
174Kb / 9P
   N-channel enhancement mode vertical D-MOS transistor
2001 May 18
logo
NXP Semiconductors
BS107A PHILIPS-BS107A Datasheet
49Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BSP107 PHILIPS-BSP107 Datasheet
65Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
BSP121 PHILIPS-BSP121 Datasheet
75Kb / 12P
   N-channel enhancement mode vertical D-MOS transistor
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com