Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC18V8ZIN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PLC18V8ZIN
Description  Zero standby power CMOS versatile PAL devices
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLC18V8ZIN Datasheet(HTML) 5 Page - NXP Semiconductors

  PLC18V8ZIN Datasheet HTML 1Page - NXP Semiconductors PLC18V8ZIN Datasheet HTML 2Page - NXP Semiconductors PLC18V8ZIN Datasheet HTML 3Page - NXP Semiconductors PLC18V8ZIN Datasheet HTML 4Page - NXP Semiconductors PLC18V8ZIN Datasheet HTML 5Page - NXP Semiconductors PLC18V8ZIN Datasheet HTML 6Page - NXP Semiconductors PLC18V8ZIN Datasheet HTML 7Page - NXP Semiconductors PLC18V8ZIN Datasheet HTML 8Page - NXP Semiconductors PLC18V8ZIN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Philips Semiconductors
Product specification
PLC18V8Z
Zero standby power
CMOS versatile PAL devices
1997 Aug 08
5
LOGIC DIAGRAM
Pins 1 and 11 are configured as Inputs 0 and 9, respectively, via the configuration cell. The clock and OE
functions are disabled.
All output macro cells (OMC) are configured as bidirectional I/O, with the outputs disabled via the direc-
tion term.
Denotes a programmable cell location.
1
2
3
4
5
6
7
8
9
NOTES:
In the unprogrammed or virgin state:
All cells are in a conductive state.
All AND gate locations are pulled to a logic “0” (Low).
Output polarity is inverting.
0
4
8
12
162024
2832
35
SP
AR
CLK
OE
AC1
AC2
DIR
CLK
F7
19
11
SP
AR
CLK
OE
AC1
AC2
DIR
F6
18
SP
AR
CLK
OE
AC1
AC2
DIR
F5
17
SP
AR
CLK
OE
AC1
AC2
DIR
F4
16
SP
AR
CLK
OE
AC1
AC2
DIR
F3
15
SP
AR
CLK
OE
AC1
AC2
DIR
F2
14
SP
AR
CLK
OE
AC1
AC2
DIR
F1
13
SP
AR
CLK
OE
AC1
AC2
DIR
F0
12
SP
AR
I9/OE
I0/CLK
I1
I2
I3
I4
I5
I6
I7
I8
CONFIG.
CELL
SP00012


Similar Part No. - PLC18V8ZIN

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PLC1.5I-S8-C PANDUIT-PLC1.5I-S8-C Datasheet
296Kb / 11P
   Material & Color Availability Chart
logo
celduc-relais
PLC10040 CELDUC-PLC10040 Datasheet
413Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PLC12425U CELDUC-PLC12425U Datasheet
319Kb / 2P
   MAGNETIC PROXIMITY SENSOR
logo
P-tec Corporation
PLC1515A-WCRGB1 P-TEC-PLC1515A-WCRGB1 Datasheet
963Kb / 11P
   Small package enables 2.5 pitch display
PLC1515B-WCRGB1 P-TEC-PLC1515B-WCRGB1 Datasheet
963Kb / 11P
   Small package enables 2.5 pitch display
More results

Similar Description - PLC18V8ZIN

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE22V10 LATTICE-PALCE22V10 Datasheet
691Kb / 34P
   24-Pin EE CMOS (Zero Power) Versatile PAL Device
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
   Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
NXP Semiconductors
PLUS16R8D PHILIPS-PLUS16R8D Datasheet
148Kb / 16P
   PAL devices
September 10, 1993
logo
IMP, Inc
C1210 IMP-C1210 Datasheet
35Kb / 4P
   Process C1210 CMOS 1.2mm Zero Threshold Devices
logo
Texas Instruments
UCC28730-Q1 TI1-UCC28730-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Zero-Power Standby PSR Flyback Controller for Automotive
logo
Holt Integrated Circuit...
HI-1590 HOLTIC-HI-1590 Datasheet
1Mb / 16P
   CMOS technology for low standby power
logo
Power Integrations, Inc...
LNK584 POWERINT-LNK584 Datasheet
1Mb / 16P
   Zero Standby Consumption Integrated Off-Line Switcher
LNK584 POWERINT-LNK584_V01 Datasheet
1Mb / 18P
   Zero Standby Consumption Integrated Off-Line Switcher
November 2015
LNK584-586 POWERINT-LNK584-586 Datasheet
1Mb / 16P
   Zero Standby Consumption Integrated Off-Line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com