Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASWGM0005-DIE Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWGM0005-DIE
Description  Switch, Single-Pole, Double-Throw DC-5.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWGM0005-DIE Datasheet(HTML) 2 Page - Tyco Electronics

  MASWGM0005-DIE Datasheet HTML 1Page - Tyco Electronics MASWGM0005-DIE Datasheet HTML 2Page - Tyco Electronics MASWGM0005-DIE Datasheet HTML 3Page - Tyco Electronics MASWGM0005-DIE Datasheet HTML 4Page - Tyco Electronics MASWGM0005-DIE Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Switch, Single-Pole, Double-Throw
DC-5.0 GHz
MASWGM0005-DIE
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
903219 —
Preliminary Information
2
Maximum Operating Conditions
1
Operating Instructions
This device is static and light sensitive. Digital circuitry
operation can be impaired under high intensity light,
e.g. microscope light. Please handle with care. To
operate the device, follow these steps.
1. Power Up: Apply VEE = -5 V.
2. Apply Logic Voltages to control Circuits as listed
in Recommended Operating Conditions
3. Power Down: Set VEE = 0
Characteristic
Symbol
Min
Typ
Max
Unit
Digital Driver Voltage
VEE
-5.2
-5
-4.8
V
Recommended Operating Conditions
Parameter
Symbol
Absolute Maximum
Units
Input Power
PIN
31
dBm
Digital Driver Voltage
VEE
-6.0
V
Junction Temperature
TJ
180
°C
Storage Temperature
TSTG
-55 to +150
°C
1. Operation outside of these ranges may reduce product reliability. Operation at other than the typical values may
result in performance outside the guaranteed limits.
Characteristic
Logic Level
(@ Pad A)
Min
Typ
Max
Unit
Com-Out1
Logic High
2.7
5.0
5.5
V
Com-Out2
Logic Low
0
0
1.2
V
TTL Path Selection
2
2. Voltage Levels valid from –60ºC to +180º Base Temperature for VEE=-5V.
5.0
5.0
4.5
4.5
4.0
4.0
3.5
3.5
3.0
3.0
2.5
2.5
2.0
2.0
1.5
1.5
1.0
1.0
0.5
0.5
0.0
0.0


Similar Part No. - MASWGM0005-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWGM0002-DIE MACOM-MASWGM0002-DIE Datasheet
128Kb / 5P
   Switch, Single-Pole, Double-Throw 2.0-20.0 GHz
MASWGM0003-DIE MACOM-MASWGM0003-DIE Datasheet
93Kb / 5P
   Switch, Single-Pole, Double-Throw 2.0-8.0 GHz
More results

Similar Description - MASWGM0005-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWGM0003-DIE MACOM-MASWGM0003-DIE Datasheet
93Kb / 5P
   Switch, Single-Pole, Double-Throw 2.0-8.0 GHz
MASWGM0002-DIE MACOM-MASWGM0002-DIE Datasheet
128Kb / 5P
   Switch, Single-Pole, Double-Throw 2.0-20.0 GHz
logo
Eudyna Devices Inc
ESMM5320ZW EUDYNA-ESMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Pasternack Enterprises,...
PE71S6064 PASTERNACK-PE71S6064 Datasheet
399Kb / 4P
   Single Pole Double Throw Relay Switch
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com