Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QRW040A0Y1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # QRW040A0Y1
Description  QRW 40A single output series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

QRW040A0Y1 Datasheet(HTML) 2 Page - Tyco Electronics

  QRW040A0Y1 Datasheet HTML 1Page - Tyco Electronics QRW040A0Y1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QRW 40A single output series
High Efficiency Industry Standard Quarter Brick
Outline Drawing and Pin-out
Physical Dimensions and design
Industry standard, Quarter brick size
with external dimensions of
57.9mm x 36.8mm x 9.5mm
(2.28” x 1.45” x 0.375”)
Weight 38.0g (1.34oz)
The QRW series has a robust open frame
construction able to withstand industry
standard, through-hole handling, soldering
and cleaning processes.
Ordering Information
Please contact your Tyco Electronics sales representative for pricing, availability and optional features.
Product codes
Input Voltage
Output
Voltage(s)
Output Current
Efficiency
Connector Type
Comcodes
QRW010A0B1
48V (36-75Vdc)
12V
10A
92%
Through hole
T.B.D
QRW025A0A1
48V (36-75Vdc)
5V
25A
92%
Through hole
T.B.D
QRW035A0F1
48V (36-75Vdc)
3.3V
35A
91%
Through hole
T.B.D
QRW035A0G1
48V (36-75Vdc)
2.5V
35A
90%
Through hole
T.B.D
QRW040A0D1
48V (36-75Vdc)
2.0V
40A
T.B.D
Through hole
T.B.D
QRW040A0Y1
48V (36-75Vdc)
1.8V
40A
87%
Through hole
T.B.D
QRW040A0M1
48V (36-75Vdc)
1.5V
40A
85%
Through hole
T.B.D
QRW040A0P1
48V (36-75Vdc)
1.2V
40A
84%
Through hole
T.B.D
QRW040A0S1R01
48V (36-75Vdc)
1.0V
40A
83%
Through hole
T.B.D
-1 Standard negative remote on/off logic
June 01
Page Number
* This preliminary product brief is only for discussion with customers to determine customer interest and requirements. Tyco Electronics makes no commitment to sample or
manufacture for sale this product. Tyco Electronics reserves the right to make changes to the product(s) or information contained herein without notice and makes no
representation with respect to the accuracy of the information herein. No liability is assumed as a result of their use or application. No rights under any patent accompany the
sale of any such product(s) or information.
© 2001 Tyco Electronics Power Systems, Inc., (Mesquite, Texas) All International Rights Reserved.
Phone: 800-253-0490
Fax: 408-732-2002
www.xp-foresight.com


Similar Part No. - QRW040A0Y1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QRW040A0Y1 LINEAGEPOWER-QRW040A0Y1 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
More results

Similar Description - QRW040A0Y1

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW1V540 GALAXY-GAQW1V540 Datasheet
804Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW1V240 GALAXY-GAQW1V240 Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V840 GALAXY-GAMW1V840 Datasheet
985Kb / 7P
   48V Input, 1.8VDC, 40A Output
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com