Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPE221M6.3V6.3X6.3TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NSPE221M6.3V6.3X6.3TR13F
Description  Hybrid Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPE221M6.3V6.3X6.3TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NSPE221M6.3V6.3X6.3TR13F Datasheet HTML 1Page - NIC-Components Corp. NSPE221M6.3V6.3X6.3TR13F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
51
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Hybrid Surface Mount Aluminum
Electrolytic Capacitors
NSPE Series
Part Marking
Capacitance Value
Voltage
Lot Code
Series Code
470
4V
E17
CHARACTERISTICS
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• SUPER LOW ESR & HIGH RIPPLE CURRENT
• CAPACITANCE VALUES UP TO 820
µF
• 6.3x6.3mm ~ 10x10.8mm CASE SIZES
• DESIGNED FOR REFLOW SOLDERING
LOW ESR COMPONENT
HYBRID ELECTROLYTE
For Performance Data
see www.LowESR.com
NSPE 471 M 4V 8x10.8 TR 13 F
RoHS Compliant
97% Sn (min.), 3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in
µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
µF
Series
PART NUMBER SYSTEM
Cap. (
µF)
Working Votage (Vdc)
4.0
6.3
10
22
-
-
1,020
33
-
-
1,020
47
-
-
1,020
100
-
1,120
1,550
150
-
-
1,550
220
-
1,550
1,550
330
-
1,550
1,550*
2090
390
-
1,550
2,090
470
1,550
2,090
2,090*
560
-
2,090
-
680
2,090
-
-
820
2,180
-
-
Cap. (
µF)
Working Votage (Vdc)
4.0
6.3
10
22
-
-
60
33
-
-
60
47
-
-
60
100
-
50
30
150
-
-
30
220
-
30
30
330
-
30
30*
25
390
-
30
25
470
30
25
25*
560
-
25
-
680
25
-
-
820
23
-
-
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 100KHz AND 105OC)
MAXIMUM ESR
(m
Ω AT 100KHz AND 20OC)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
4 ~ 10Vdc
Rated Capacitance Range
22 ~ 820
µF
Operating Temp. Range
-55 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 Minutes @ 20°C
Less than 0.1CV or 50
µA
whichever is greater
Working and Surge Voltage Ratings
W.V. (Vdc)
4
6.3
10
S.V. (Vdc)
4.6
7.2
11.5
Tan
δ @ 120Hz/20°C
All Case Sizes
0.24
0.22
0.20
Impedance Ratio
Z -55°C/Z +20°C
2.5
Z +105°C/Z +20°C
1.0
Load Life Test @ 105°C
6.3mm Dia. and All 4Vdc parts = 1,000 Hours
8mm ~ 10mm Dia. parts = 2,000 Hours
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified max. value
Leakage Current
Less than specified max. value
*Low temperature reflow soldering only
*Low temperature reflow soldering only
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NSPE221M6.3V6.3X6.3TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSPE-A NIC-NSPE-A Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M50V5X6.1NLBYF NIC-NSPE-A100M50V5X6.1NLBYF Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M50V5X61NLBYF NIC-NSPE-A100M50V5X61NLBYF Datasheet
91Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M63V6.3X6.1NLBYF NIC-NSPE-A100M63V6.3X6.1NLBYF Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M63V63X61NLBYF NIC-NSPE-A100M63V63X61NLBYF Datasheet
91Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
More results

Similar Description - NSPE221M6.3V6.3X6.3TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSPE-TZ NIC-NSPE-TZ Datasheet
89Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A NIC-NSPE-A Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com