Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPCGM0004-DIE Datasheet(PDF) 6 Page - Tyco Electronics

Part # MAPCGM0004-DIE
Description  5-Bit Digital Phase Shifter 6.0-18.0 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAPCGM0004-DIE Datasheet(HTML) 6 Page - Tyco Electronics

  MAPCGM0004-DIE Datasheet HTML 1Page - Tyco Electronics MAPCGM0004-DIE Datasheet HTML 2Page - Tyco Electronics MAPCGM0004-DIE Datasheet HTML 3Page - Tyco Electronics MAPCGM0004-DIE Datasheet HTML 4Page - Tyco Electronics MAPCGM0004-DIE Datasheet HTML 5Page - Tyco Electronics MAPCGM0004-DIE Datasheet HTML 6Page - Tyco Electronics MAPCGM0004-DIE Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RO-P-DS-3051 - -
6/7
5-Bit Digital Phase Shifter
MAPCGM0004-DIE
V 1.00
Specifications subject to change without notice.
Customer Service: Tel. (888)-563-3949
Email: macom_adbu_ics@tycoelectronics.com
North America: Tel. (800) 366-2266
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Mechanical Information
Chip Size: 2.962 x 2.949 x 0.075 mm
(
116 x 116 x 3 mils)
Pad
Size (
µm)
RF In and Out
100 x 200
DC Supply Voltage VEE
125 x 125
DC Control Voltage VC
125 x 125
Size (mils)
4 x 8
5 x 5
5 x 5
Bond Pad Dimensions
Figure 7. Die Layout
0.531mm.
0
0
2.291mm.
2.949mm.
2.020mm.
ii
i
i
W = 12
S = 8
Len = 1446
r = 25
W = 12
S = 8
Len = 432
r = 25
W = 12
S = 8
Len = 432
r = 25
W = 12
S = 8
Len = 432
r = 25
GND:G
IN
GND:G
GND:G
G ND:G
G ND:G
GND:G
GND:G
GND:G
GND:G
IN180
GND:G
GND:G
GND:G
G ND:G
OUT
GND:G
GND:G
GND:G
GND:G
GND:G
VEE
P11P25
P22P5
P90
P180
GND:G
GND:G
P45


Similar Part No. - MAPCGM0004-DIE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPCGM0001 MACOM-MAPCGM0001 Datasheet
229Kb / 6P
   1.0-1.9 GHz Phase Shifter
MAPCGM0001-DIE MACOM-MAPCGM0001-DIE Datasheet
257Kb / 5P
   Phase Shifter 1.0-1.9 GHz
MAPCGM0002 MACOM-MAPCGM0002 Datasheet
339Kb / 5P
   Phase Shifter 3.5-6.0 GHz
MAPCGM0002-DIE MACOM-MAPCGM0002-DIE Datasheet
301Kb / 7P
   3.5-6.0 GHz Phase Shifter
MAPCGM0003 MACOM-MAPCGM0003 Datasheet
236Kb / 7P
   S-Band Phase Shifter 2.3-4.1 GHz
More results

Similar Description - MAPCGM0004-DIE

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPS-010145 MA-COM-MAPS-010145 Datasheet
672Kb / 6P
   Digital Phase Shifter 4-Bit, 3.5 - 6.0 GHz
MAPS-010165 MA-COM-MAPS-010165 Datasheet
676Kb / 7P
   Digital Phase Shifter 6-Bit, 3.5 - 6.0 GHz
logo
Qorvo, Inc
TGP2102 QORVO-TGP2102 Datasheet
362Kb / 9P
   35 GHz 5-Bit Digital Phase Shifter
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
   Digital Phase Shifter 6-Bit, 5 - 6 GHz
logo
Custom MMIC Design Serv...
CMD175P4 MMIC-CMD175P4 Datasheet
257Kb / 11P
   2-4 GHz 5-Bit Digital Phase Shifter
logo
Qorvo, Inc
CMD175P4 QORVO-CMD175P4 Datasheet
257Kb / 11P
   2-4 GHz 5-Bit Digital Phase Shifter
logo
Tyco Electronics
MAPCGM0002 MACOM-MAPCGM0002 Datasheet
339Kb / 5P
   Phase Shifter 3.5-6.0 GHz
MAPCGM0002-DIE MACOM-MAPCGM0002-DIE Datasheet
301Kb / 7P
   3.5-6.0 GHz Phase Shifter
logo
TriQuint Semiconductor
TGP2102 TRIQUINT-TGP2102_15 Datasheet
377Kb / 9P
   35 GHz 5-Bit Phase Shifter
TGP2102-EPU TRIQUINT-TGP2102-EPU Datasheet
238Kb / 9P
   35 GHz 5-Bit Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com