Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPCGM0002 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAPCGM0002
Description  Phase Shifter 3.5-6.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAPCGM0002 Datasheet(HTML) 3 Page - Tyco Electronics

  MAPCGM0002 Datasheet HTML 1Page - Tyco Electronics MAPCGM0002 Datasheet HTML 2Page - Tyco Electronics MAPCGM0002 Datasheet HTML 3Page - Tyco Electronics MAPCGM0002 Datasheet HTML 4Page - Tyco Electronics MAPCGM0002 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Phase Shifter
3.5-6.0 GHz
MAPCGM0002
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
903214 —
Preliminary Information
3
Figure1. ReferenceStateInsertionLoss, Input andOutput VSWRvs. Frequency
0
2
4
6
8
10
12
3.03.5
4.04.5
5.05.5
6.06.5
Frequency(GHz)
1
2
3
4
5
6
InsertionLoss
Input VSWR
Output VSWR
Figure2. PhaseShifter Figuresof Merit: AverageError vs. ReferenceState,
RMSError andCalibratedRMSError Over All States
-20
-15
-10
-5
0
5
10
15
20
25
30
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Frequency(GHz)
AverageError
RMSError
RMSError - Calibrated
Figure 3. Relative Phase Shift vs. Phase Shifter State
-400
-360
-320
-280
-240
-200
-160
-120
-80
-40
0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Frequency (GHz)
Figure 4. Relative Gain Change vs. Phase Shifter State
-10
-8
-6
-4
-2
0
2
4
6
8
10
3.03.5
4.04.5
5.05.5
6.06.5
Frequency (GHz)
Figure 5. Input VSWR vs. Phase Shifter State
1
2
3
4
5
6
3.03.5
4.04.5
5.05.5
6.06.5
Frequency (GHz)
Figure 6. Output VSWR vs. Phase Shifter State
1
2
3
4
5
6
3.03.5
4.04.5
5.05.5
6.06.5
Frequency (GHz)


Similar Part No. - MAPCGM0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPCGM0002-DIE MACOM-MAPCGM0002-DIE Datasheet
301Kb / 7P
   3.5-6.0 GHz Phase Shifter
More results

Similar Description - MAPCGM0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPCGM0002-DIE MACOM-MAPCGM0002-DIE Datasheet
301Kb / 7P
   3.5-6.0 GHz Phase Shifter
logo
M/A-COM Technology Solu...
MAPS-010145 MA-COM-MAPS-010145 Datasheet
672Kb / 6P
   Digital Phase Shifter 4-Bit, 3.5 - 6.0 GHz
MAPS-010165 MA-COM-MAPS-010165 Datasheet
676Kb / 7P
   Digital Phase Shifter 6-Bit, 3.5 - 6.0 GHz
logo
Tyco Electronics
MAPCGM0004-DIE MACOM-MAPCGM0004-DIE Datasheet
462Kb / 7P
   5-Bit Digital Phase Shifter 6.0-18.0 GHz
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336_15 Datasheet
518Kb / 10P
   6 - 18 GHz Phase Shifter
logo
Tyco Electronics
MAPCGM0003-DIE MACOM-MAPCGM0003-DIE Datasheet
281Kb / 7P
   2.3-4.1 GHz Phase Shifter
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336 Datasheet
472Kb / 7P
   6 - 18 GHz Phase Shifter
logo
Tyco Electronics
MAPCGM0001 MACOM-MAPCGM0001 Datasheet
229Kb / 6P
   1.0-1.9 GHz Phase Shifter
MAPCGM0001-DIE MACOM-MAPCGM0001-DIE Datasheet
257Kb / 5P
   Phase Shifter 1.0-1.9 GHz
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
   5-18 GHz Analog Phase Shifter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com