Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRB-XS271M200V18X30F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRB-XS271M200V18X30F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRB-XS271M200V18X30F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRB-XS271M200V18X30F Datasheet HTML 1Page - NIC-Components Corp. NRB-XS271M200V18X30F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
71
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Rated Voltage Range
200 ~ 450VDC
Capacitance Range
33 ~ 560
µF
Operating Temperature Range
-25°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current @ +20°C
3 x
CV after 5 minute at rated voltage
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
200
220
250
400
420
450
S.V. (Vdc)
250
270
300
450
470
500
Tan
δ
0.20
0.20
0.20
0.20
0.25
0.25
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
3
3
8
8
8
Load Life at W.V. & 105°C
All Sizes: 10,000 Hours
∆ Capacitance
Within ±20% of initial measured value
∆ Tan δ
Less than 200% of specified value
∆ LC
Less than specified value
3 x
CV after 5 minute at rated voltage
3 x
CV after 5 minute at rated voltage
3 x
CV after 5 minute at rated voltage
3 x
CV after 5 minute at rated voltage
Cap. (
µF)
Working Voltage (Vdc)
200
220
250
400
420
450
33
-
-
-
-
-
370
39
-
-
-
-
390
420
47
-
-
-
440
450
480
440
56
-
-
-
500
520
510
460
68
-
-
-
580
550
590
510
570
82
-
-
-
610
630
680
610
560
650
100
-
-
690
740
730
740
740
670
120
-
740
790
800
770
830
740
790
150
800
860
920
910
900
950
800
890
180
920
940
950
1040
-
-
850
880
220
1010 1010 1110
-
-
-
1000 940 1100
270
1180 1190 1270
-
-
-
1160 1130 1230
330
1310
1300 1420
-
-
-
1300
390
1430 1490 1590
-
-
-
470
1580 1690
-
-
-
-
560
1770
-
-
-
-
-
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA AT 120Hz AND 105°C)
Miniature Aluminum Electrolytic Capacitors
NRB-XW Series
MAXIMUM ESR
(
Ω AT 120Hz AND 20°C)
PART NUMBER SYSTEM
NRB-XW 101 M 250V 12.5X30 F .
RoHS Compliant
Case Size (D
φ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
Capacitance Code: First 2 characters
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Tolerance Code (M=20%)
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Working Voltage (Vdc)
RoHS Compliant
Case Size (D
Case Size (D
RoHS Compliant
RoHS Compliant
CHARACTERISTICS
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED
FEATURES
• HIGH RIPPLE CURRENT
• LONG LIFE AT HIGH TEMPERATURE
Voltage Rating 60 (50)Hz
120Hz
500Hz
1KHz
10KHz ~ up
200 ~ 250Vdc
0.8
1.0
1.20
1.30
1.40
400 ~ 450Vdc
0.8
1.0
1.25
1.40
1.50
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Cap. (
µF)
Working Voltage (Vdc)
200 ~ 400 420 ~ 450
33
-
12.57
39
-
10.63
47
7.06
8.82
56
5.92
7.40
68
4.99
6.10
82
4.05
5.06
100
3.32
4.15
120
2.76
3.46
150
2.21
2.76
180
1.84
-
220
1.51
-
270
1.23
-
330
1.01
-
390
0.85
-
470
0.71
-
560
0.59
-


Similar Part No. - NRB-XS271M200V18X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRB-XS220M160V10X16F NIC-NRB-XS220M160V10X16F Datasheet
165Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRB-XS220M160V10X20F NIC-NRB-XS220M160V10X20F Datasheet
165Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRB-XS220M160V10X20F NIC-NRB-XS220M160V10X20F Datasheet
89Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
NRB-XS220M160V12.5X20F NIC-NRB-XS220M160V12.5X20F Datasheet
165Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRB-XS220M160V16X20F NIC-NRB-XS220M160V16X20F Datasheet
165Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRB-XS271M200V18X30F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com