Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM48AM3244VBA-8FE Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EM48AM3244VBA-8FE
Description  256Mb (2M쨈4Bank쨈32) Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM48AM3244VBA-8FE Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EM48AM3244VBA-8FE Datasheet HTML 1Page - List of Unclassifed Manufacturers EM48AM3244VBA-8FE Datasheet HTML 2Page - List of Unclassifed Manufacturers EM48AM3244VBA-8FE Datasheet HTML 3Page - List of Unclassifed Manufacturers EM48AM3244VBA-8FE Datasheet HTML 4Page - List of Unclassifed Manufacturers EM48AM3244VBA-8FE Datasheet HTML 5Page - List of Unclassifed Manufacturers EM48AM3244VBA-8FE Datasheet HTML 6Page - List of Unclassifed Manufacturers EM48AM3244VBA-8FE Datasheet HTML 7Page - List of Unclassifed Manufacturers EM48AM3244VBA-8FE Datasheet HTML 8Page - List of Unclassifed Manufacturers EM48AM3244VBA-8FE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
eorex
EM488M3244VBA
Jul. 2006
www.eorex.com
4/17
Absolute Maximum Rating
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-0.5 ~ +4.6
V
VDD, VDDQ
Power Supply Voltage
-0.5 ~ +4.6
V
Commercial
0 ~ +70
TOP
Operating Temperature Range
Extended
-25 ~ +85
°C
TSTG
Storage Temperature Range
-55 ~ +150
°C
PD
Power Dissipation
1
W
IOS
Short Circuit Current
50
mA
Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Capacitance (VCC=3.3V, f=1MHz, TA=25°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
CCLK
Clock Capacitance
1.5
3.0
pF
CI
Input Capacitance for CLK, CKE, Address,
/CS, /RAS, /CAS, /WE, DQML, DQMU
1.5
3.0
pF
CO
Input/Output Capacitance
3.0
5.5
pF
Recommended DC Operating Conditions (TA=0°C ~70°C)
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
3.0
3.3
3.6
V
VDDQ
Power Supply Voltage (for I/O Buffer)
3.0
3.3
3.6
V
VIH
Input Logic High Voltage
2.0
VDD+0.3
V
VIL
Input Logic Low Voltage
-0.3
0.8
V
Note: * All voltages referred to VSS.
* VIH (max.) = VDD+1.5V for pulse width 5ns
* VIL (min.) = VSS-1.5V for pulse width 5ns


Similar Part No. - EM48AM3244VBA-8FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM3244VBA-8FE EOREX-EM48AM3244VBA-8FE Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
More results

Similar Description - EM48AM3244VBA-8FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
logo
List of Unclassifed Man...
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTF EOREX-EM48AM1684VTF Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM1684VTB ETC2-EM48AM1684VTB Datasheet
704Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com