Electronic Components Datasheet Search |
|
NSPE220MV10X10.8TR13F Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NSPE220MV10X10.8TR13F Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 2 page 51 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com Hybrid Surface Mount Aluminum Electrolytic Capacitors NSPE Series Part Marking Capacitance Value Voltage Lot Code Series Code 470 4V E17 CHARACTERISTICS FEATURES • CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING • SUPER LOW ESR & HIGH RIPPLE CURRENT • CAPACITANCE VALUES UP TO 820 µF • 6.3x6.3mm ~ 10x10.8mm CASE SIZES • DESIGNED FOR REFLOW SOLDERING LOW ESR COMPONENT HYBRID ELECTROLYTE For Performance Data see www.LowESR.com NSPE 471 M 4V 8x10.8 TR 13 F RoHS Compliant 97% Sn (min.), 3% Bi (max.) 330mm (13”) Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20% Capacitance Code in µF, first 2 digits are significant Third digit is no. of zeros, “R” indicates decimal for values under 10 µF Series PART NUMBER SYSTEM Cap. ( µF) Working Votage (Vdc) 4.0 6.3 10 22 - - 1,020 33 - - 1,020 47 - - 1,020 100 - 1,120 1,550 150 - - 1,550 220 - 1,550 1,550 330 - 1,550 1,550* 2090 390 - 1,550 2,090 470 1,550 2,090 2,090* 560 - 2,090 - 680 2,090 - - 820 2,180 - - Cap. ( µF) Working Votage (Vdc) 4.0 6.3 10 22 - - 60 33 - - 60 47 - - 60 100 - 50 30 150 - - 30 220 - 30 30 330 - 30 30* 25 390 - 30 25 470 30 25 25* 560 - 25 - 680 25 - - 820 23 - - MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 100KHz AND 105OC) MAXIMUM ESR (m Ω AT 100KHz AND 20OC) PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com Rated Voltage Range 4 ~ 10Vdc Rated Capacitance Range 22 ~ 820 µF Operating Temp. Range -55 ~ +105°C Capacitance Tolerance ±20% (M) Max. Leakage Current After 2 Minutes @ 20°C Less than 0.1CV or 50 µA whichever is greater Working and Surge Voltage Ratings W.V. (Vdc) 4 6.3 10 S.V. (Vdc) 4.6 7.2 11.5 Tan δ @ 120Hz/20°C All Case Sizes 0.24 0.22 0.20 Impedance Ratio Z -55°C/Z +20°C 2.5 Z +105°C/Z +20°C 1.0 Load Life Test @ 105°C 6.3mm Dia. and All 4Vdc parts = 1,000 Hours 8mm ~ 10mm Dia. parts = 2,000 Hours Capacitance Change Within ±20% of initial measured value Tan δ Less than 200% of specified max. value Leakage Current Less than specified max. value *Low temperature reflow soldering only *Low temperature reflow soldering only RoHS Compliant includes all homogeneous materials *See Part Number System for Details |
Similar Part No. - NSPE220MV10X10.8TR13F |
|
Similar Description - NSPE220MV10X10.8TR13F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |