Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH28D72KLG-75 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # MH28D72KLG-75
Description  9,663,676,416-BIT (134,217,728-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH28D72KLG-75 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MH28D72KLG-75 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH28D72KLG-75 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH28D72KLG-75 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH28D72KLG-75 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH28D72KLG-75 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH28D72KLG-75 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH28D72KLG-75 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH28D72KLG-75 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH28D72KLG-75 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
MH28D72KLG-75,-10
9,663,676,416-BIT (134,217,728-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0412-0.1
21.Mar.2001
Preliminary Spec.
Some contents are subject to change without notice.
4
PIN FUNCTION
CK0,/CK0
Input
Clock: CK0 and /CK0 are differential clock inputs. All address and
control input signals are sampled on the crossing of the positive edge
of CK0 and negative edge of /CK0. Output (read) data is referenced to
the crossings of CK0 and /CK0 (both directions of crossing).
CKE0, CKE1
Input
Clock Enable: CKE0,1 controls SDRAM internal clock. When CKE0 is low, the
internal clock f or the f ollowing cyc le is ceased. CKE0 is also used to select
auto / self ref resh. After self ref resh mode is started, CKE0 becomes
asy nchronous input. Self ref resh is maintained as long as CKE0 is low.
/S0, /S1
Input
Phys ical Bank Select: When /S0,1 is high, any command means No Operation.
/RAS, /CAS, /WE
Input
Combination of /RAS, /CAS, /WE defines basic commands.
A0-12
Input
A0-12 specify the Row / Column Address in conjunction with BA0,1. The Row
Address is specif ied by A0-12. The Column Address is specif ied by A0-9,11.
A10 is also used to indicate precharge option. When A10 is high at a read / write
command, an auto precharge is perf ormed. When A10 is high at a precharge
command, all banks are precharged.
BA0,1
Input
DQ 0-64
CB 0-7
Input / Output
DQS0-17
Vdd, VddQ
Power Supply
Power Supply. Vdd and VddQ are connected on the module.
VddQ, VssQ
Power Supply
Bank Address: BA0,1 specifies one of four banks in SDRAM to which a command is applied. BA0,1
must be set with ACT, PRE, READ, WRITE commands.
Data Input/Output: Data bus
Data Strobe: Output with read data, input with write data. Edge-aligned
with read data, centered in write data. Used to capture write data.
SYMBOL
TYPE
DESCRIPTION
Input / Output
Vref
Input
SSTL_2 reference voltage.
Vddspd
Power Supply
Power Supply for SPD
RESET
Input
This signal is asynchronous and is driven low to the register in order to
guarantee the register outputs are low.
SDA
Input / Output
This bidirectional pin is used to transf er data into or out of the SPD EEPROM.
A resistor must be connected f rom the SDA bus line to VDD to act as a pullup.
SCL
Input
This signal is used to clock data into and out of the SPD EEPROM. A resistor
may be connected f rom the SCL bus time to VDD to act as a pullup.
SA0-2
These signals are tied at the system planar to either VSS or VDD to conf igure
the serial SPD EEPROM address range.
Input
VDD identif ication f lag
VDDID
Power Supply. Vss and VssQ are connected on the module.


Similar Part No. - MH28D72KLG-75

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MH28FAD MTRONPTI-MH28FAD Datasheet
229Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH28FAD-R MTRONPTI-MH28FAD-R Datasheet
229Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH28FAD-R MTRONPTI-MH28FAD-R Datasheet
393Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH28FAG MTRONPTI-MH28FAG Datasheet
229Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH28FAG-R MTRONPTI-MH28FAG-R Datasheet
229Kb / 1P
   8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
More results

Similar Description - MH28D72KLG-75

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH28S72PJG-5 MITSUBISHI-MH28S72PJG-5 Datasheet
954Kb / 57P
   9,663,676,416-BIT ( 134,217,728-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32D72AKLA-10 MITSUBISHI-MH32D72AKLA-10 Datasheet
327Kb / 38P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH64D72KLG-75 MITSUBISHI-MH64D72KLG-75 Datasheet
326Kb / 38P
   4,831,838,208-BIT (67,108,864-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH64D72KLH-75 MITSUBISHI-MH64D72KLH-75 Datasheet
350Kb / 39P
   4,831,838,208-BIT (67,108,864-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLB-75 MITSUBISHI-MH32D72AKLB-75 Datasheet
358Kb / 40P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH16D72AKLB-10 MITSUBISHI-MH16D72AKLB-10 Datasheet
348Kb / 39P
   1,207.959,552-BIT (16,777,216-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72KLH-75 MITSUBISHI-MH32D72KLH-75 Datasheet
342Kb / 39P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D64AKQJ-75 MITSUBISHI-MH32D64AKQJ-75 Datasheet
343Kb / 40P
   2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH16D64AKQC-75 MITSUBISHI-MH16D64AKQC-75 Datasheet
329Kb / 37P
   1,073,741,824-BIT (16,777,216-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH64D64AKQH-75 MITSUBISHI-MH64D64AKQH-75 Datasheet
362Kb / 40P
   4,294,967,296-BIT (67,108,864-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com