Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CV211-2APCB75 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # CV211-2APCB75
Description  UMTS/WiMax-band Dual-Branch Downconverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV211-2APCB75 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  CV211-2APCB75 Datasheet HTML 1Page - WJ Communication. Inc. CV211-2APCB75 Datasheet HTML 2Page - WJ Communication. Inc. CV211-2APCB75 Datasheet HTML 3Page - WJ Communication. Inc. CV211-2APCB75 Datasheet HTML 4Page - WJ Communication. Inc. CV211-2APCB75 Datasheet HTML 5Page - WJ Communication. Inc. CV211-2APCB75 Datasheet HTML 6Page - WJ Communication. Inc. CV211-2APCB75 Datasheet HTML 7Page - WJ Communication. Inc. CV211-2APCB75 Datasheet HTML 8Page - WJ Communication. Inc. CV211-2APCB75 Datasheet HTML 9Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 9 June 2007
CV211-2A
UMTS/WiMax-band Dual-Branch Downconverter
Product Information
The Communications Edge
TM
IF Amplifier Matching:
The IF amplifier requires matching
elements to optimize the performance of the amplifier to the desired
IF center frequency. Since IF bandwidths are typically on the order
of 5 to 10%, a simple two element matching network, in the form of
either a high-pass or low-pass filter structure, is sufficient to match
the MMIC IF amplifier over these narrow bandwidths.
DC biasing: DC bias must be provided for the LO and IF amplifiers
in the converter. R1 sets the operating current for the last stage of the
LO amplifier and is chosen to optimize the mixer LO drive level.
Proper RF chokes and bypass capacitors are chosen for proper
amplifier biasing at the intended frequency of operation. The “+5 V”
dc bias should be supplied directly from a voltage regulator.
Application Circuit: IF = 75 MHz (CV211-2APCB75)
RF = 1900 – 2700 MHz, IF = 75 MHz
PCB Layout
Circuit Board Material: .014” FR-4, 4 layers, .062” total thickness
Bill of Materials
Ref. Desig.
Component
Size
R1
11.3 Ω chip resistor
0805
R2, R3, R4, L3, L7
L10, L11
0 Ω chip resistor
0603
R6, R7
3.3 Ω chip resistor
0603
C1, C5, C10, C15
1000 pF chip capacitor
0603
C4, C11
22 pF chip capacitor
0603
C6, C12, C14
.018 µF chip capacitor
0603
C7, C13
100 pF chip capacitor
0603
L1
120 nH chip inductor
0603
L4, L8
150 nH chip inductor
0603
L5, L9
220 nH chip inductor
0805
C2, C3, C8, C9, C16
C17, C19, C20, C21
C22, L2, L6
Shown on silkscreen, but
not used in actual circuit.
U1
CV211-2A WJ Converter
QFN


Similar Part No. - CV211-2APCB75

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV211-2APCB75 WJCI-CV211-2APCB75 Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
More results

Similar Description - CV211-2APCB75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CV211-2 ETC1-CV211-2 Datasheet
430Kb / 7P
   UMTS-band Dual-Branch Downconverter
CV211-3 ETC1-CV211-3 Datasheet
391Kb / 7P
   UMTS-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV211-2A WJCI-CV211-2A Datasheet
397Kb / 9P
   UMTS-band Dual-Branch Downconverter
CV210-1A WJCI-CV210-1A Datasheet
311Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV210-2A WJCI-CV210-2A Datasheet
318Kb / 6P
   Cellular-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
CV211-1A WJCI-CV211-1A Datasheet
313Kb / 6P
   PCS/DCS-band Dual-Branch Downconverter
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
   Cellular-band Single-Branch Downconverter
CV111-3 ETC-CV111-3 Datasheet
571Kb / 4P
   UMTS-band High Linearity Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com