Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CV110-2A Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # CV110-2A
Description  Cellular-band High Linearity Downconverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

CV110-2A Datasheet(HTML) 1 Page - WJ Communication. Inc.

  CV110-2A_07 Datasheet HTML 1Page - WJ Communication. Inc. CV110-2A_07 Datasheet HTML 2Page - WJ Communication. Inc. CV110-2A_07 Datasheet HTML 3Page - WJ Communication. Inc. CV110-2A_07 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 4 April 2007
CV110-2A
Cellular-band High Linearity Downconverter
Product Features
High dynamic range downconverter
with integrated LO, IF, & RF amps
RF: 800 – 960 MHz
IF: 200 – 250 MHz
+37 dBm Output IP3
+20 dBm Output P1dB
5 dB Noise Figure
+5V Single supply operation
Pb-free 6mm 28-pin QFN package
Low-side LO configuration
Common footprint with other
PCS/UMTS versions
Product Description
The CV110-2A is a high linearity downconverter
designed to meet the demanding issues for performance,
functionality, and cost goals of current and next
generation mobile infrastructure.
It provides high
dynamic range performance in a low profile surface-
mount leadless package that measures 6 x 6 mm square.
Functionality includes RF amplification, frequency
conversion and IF amplification, while an integrated LO
driver amplifier powers the passive mixer. The MCM is
implemented with reliable and mature GaAs MESFET
and InGaP HBT technology.
Typical applications include frequency downconversion
used in CDMA/GSM/TDMA, CDMA2000, W-CDMA,
and EDGE 2.5G and 3G mobile base transceiver stations
for cellular frequency bands.
Functional Diagram
Specifications
(1)
Parameters
Units
Min
Typ
Max
Comments
RF Frequency Range
MHz
800 – 960
LO Frequency Range
MHz
550 – 760
IF Center Frequency Range
MHz
200 – 250
See note 2
% Bandwidth around IF center frequency
%
±7.5
See note 3
IF Test Frequency
MHz
240
SSB Conversion Gain
dB
22
Temp = 25 °C
Gain Drift over Temp (-40 to 85 °C)
dB
±1.5
Referenced to +25 °C
Output IP3
dBm
+37
See note 4
Output IP2
dBm
+45
See note 4
Output 1dB Compression Point
dBm
+20
Noise Figure
dB
5
See note 5
LO Input Drive Level
dBm
-2.5
0
+2.5
LO-RF Isolation
dB
60
See note 6
LO-IF Isolation
dB
40
PLO = 0 dBm
Return Loss: RF Port
dB
15
Return Loss: LO Port
dB
10
Return Loss: IF Port
dB
15
Operating Supply Voltage
V
+4.9
+5
+5.1
Supply Current
mA
290
360
480
FIT Rating
failures/
1E9 hrs
72.1
@ 70
o C ambient, 90% confidence
Thermal Resistance
°C / W
27
Junction Temperature
°C
160
See note 7
1. Specifications when using the application specific circuit (shown on page 3) with a low side LO = 0 dBm in a downconverting application over the operating case temperature range.
2. IF matching components affect the center IF frequency. Proper component values for other IF center frequencies than shown can be provided by emailing to applications.engineering@wj.com.
3. The IF bandwidth of the converter is defined as 15% around any center frequency in its operating IF frequency range. The bandwidth is determined with external components. Specifications are valid around
the total ±7.5% bandwidth. ie. with a center frequency of 240 MHz, the specifications are valid from 240 ± 18 MHz.
4. Assumes the supply voltage = +5 V. OIP3 is measured with ∆f = 1 MHz with IFout = 5 dBm / tone.
5. Assumes LO injection noise is filtered at the thermal noise floor, -174 dBm/Hz, at the RF, IF, and Image frequencies.
6. L-R Isolation is referenced to an LO injection of 0 dBm. The L-R performance shown also includes the isolation due to an external SAW filter between the RF amplifier and mixer.
7. The maximum junction temperature ensures a minimum MTTF rating of 1 million hours of usage.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85 °C
Storage Temperature
-55 to +125 °C
DC Voltage
+6 V
Junction Temperature
+220 °C
RF Input (continuous)
+2 dBm
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
CV110-2AF
Cellular-band High Linearity Downconverter
(lead-free/RoHS-compliant 6x6mm QFN package)
CV110-2APCB240 Fully Assembled Eval. Board, IF = 240MHz
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
14
IF Amp
RF Amp
LO Driver Amp
IF OUT
GND
N/C
GND
BIAS
GND
LO IN
RF OUT
GND
N/C
GND
IF THRU
GND
RF/IF
RF/IF
IF Feedthru
Path
LO


Similar Part No. - CV110-2A_07

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV110-2AF WJCI-CV110-2AF Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-2APCB240 WJCI-CV110-2APCB240 Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
More results

Similar Description - CV110-2A_07

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
CV110-1A WJCI-CV110-1A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-1A WJCI-CV110-1A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A_07 Datasheet
281Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-2A WJCI-CV110-2A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
CV110-3A WJCI-CV110-3A Datasheet
244Kb / 4P
   Cellular-band High Linearity Downconverter
logo
List of Unclassifed Man...
CV111-3 ETC-CV111-3 Datasheet
571Kb / 4P
   UMTS-band High Linearity Downconverter
logo
WJ Communication. Inc.
CV111-3A WJCI-CV111-3A Datasheet
271Kb / 5P
   UMTS-band High Linearity Downconverter
CV111-3A WJCI-CV111-3A_07 Datasheet
307Kb / 5P
   UMTS-band High Linearity Downconverter
CV111-1A WJCI-CV111-1A Datasheet
238Kb / 4P
   PCS/DCS-band High Linearity Downconverter
CV111-1A WJCI-CV111-1A_07 Datasheet
274Kb / 4P
   PCS/DCS-band High Linearity Downconverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com