Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP601-PCB2140 Datasheet(PDF) 6 Page - WJ Communication. Inc.

Part # AP601-PCB2140
Description  High Dynamic Range 1.8W 28V HBT Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP601-PCB2140 Datasheet(HTML) 6 Page - WJ Communication. Inc.

Back Button AP601-PCB2140 Datasheet HTML 2Page - WJ Communication. Inc. AP601-PCB2140 Datasheet HTML 3Page - WJ Communication. Inc. AP601-PCB2140 Datasheet HTML 4Page - WJ Communication. Inc. AP601-PCB2140 Datasheet HTML 5Page - WJ Communication. Inc. AP601-PCB2140 Datasheet HTML 6Page - WJ Communication. Inc. AP601-PCB2140 Datasheet HTML 7Page - WJ Communication. Inc. AP601-PCB2140 Datasheet HTML 8Page - WJ Communication. Inc. AP601-PCB2140 Datasheet HTML 9Page - WJ Communication. Inc. AP601-PCB2140 Datasheet HTML 10Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 6 of 10 May 2007 ver 1
AP601
High Dynamic Range 1.8W 28V HBT Amplifier
2110-2170 MHz Application Circuit (AP601-PCB2140)
Typical WCDMA Performance at 25
°C
at a channel power of +24 dBm
Frequency
2140 MHz
W-CDMA Channel Power
+24 dBm
Power Gain
13.5 dB
Input Return Loss
12 dB
Output Return Loss
8 dB
ACLR
-51 dBc
IMD3 @ +24 dBm PEP
-55 dBc
Operating Current, Icc
52 mA
Collector Efficiency
17 %
Output P1dB
+32.5 dBm
Quiescent Current, Icq
40 mA
Vpd, Vbias
+5 V
Vcc
+28 V
Notes:
1. The primary RF microstrip line is 50
Ω.
2. Components shown on the silkscreen but not on the schematic are not used.
3. The center of C22 is placed at 0.090” (8.4
° @ 2140 MHz) from the center of C1.
4. The center of C1 is placed at 0.910” (84.9
° @ 2140 MHz) from the center of C5.
5. The center of C5 is placed at 0.100” (9.3
° @ 2140 MHz) from the edge of the AP601 (U1).
6. The center of C19 is placed at 0.760” (70.9
° @ 2140 MHz) from the edge of the AP601 (U1).
7. The bold-faced RF trace is for the DC bias feed. The stub’s length is approximately a ¼ λ.
2110-2170 MHz Application Circuit Performance Plots
W-CDMA 3GPP Test Model 1+64 DPCH, 60% clipping, PAR = 8.6 dB @ 0.01% Probability, 3.84 MHz BW
Gain vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 40 mA, 25 ˚C
9
10
11
12
13
14
22
24
26
28
30
32
Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
S11, S22 vs. Frequency
Vcc = 28V, Icq = 40 mA, 25 ˚C
-25
-20
-15
-10
-5
0
2
2.05
2.1
2.15
2.2
2.25
2.3
Frequency (GHz)
S11
S22
Efficiency vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 40 mA, 25 ˚C
0
10
20
30
40
50
12
16
20
24
28
32
Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
ACLR1 vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 40 mA, 25 ˚C
-60
-55
-50
-45
-40
-35
16
18
20
22
24
26
Average Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
Icc vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 40 mA, 25 ˚C
40
45
50
55
60
65
16
18
20
22
24
26
Average Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
ACLR1 vs. Output Power vs. Vcc
WCDMA, Icq = 40 mA, 2140 MHz, 25 ˚C
-60
-55
-50
-45
-40
-35
16
18
20
22
24
26
Average Output Power (dBm)
26 V
28 V
30 V
32 V
Unconditionally stable circuit version of this application circuit is available for download off of the website at: http://www.wj.com
C19
1.8pF
See note 6
C5
2.4pF
See note 5
C22
1.2pF
See note 3
C7
1000pF
3,3pF
See note 4


Similar Part No. - AP601-PCB2140

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6015 DIODES-AP6015 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015 DIODES-AP6015 Datasheet
302Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
AP6015-18M10G-13 DIODES-AP6015-18M10G-13 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015-25M10G-13 DIODES-AP6015-25M10G-13 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
AP6015-33M10G-13 DIODES-AP6015-33M10G-13 Datasheet
430Kb / 18P
   High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 2
More results

Similar Description - AP601-PCB2140

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AP602 WJCI-AP602 Datasheet
840Kb / 11P
   High Dynamic Range 4W 28V HBT Amplifier
AP603 WJCI-AP603 Datasheet
1Mb / 14P
   High Dynamic Range 7W 28V HBT Amplifier
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
List of Unclassifed Man...
HE389A ETC1-HE389A Datasheet
97Kb / 1P
   High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH2 TRIQUINT-AH2_15 Datasheet
190Kb / 5P
   High Dynamic Range Amplifier
AH1-G TRIQUINT-AH1-G_15 Datasheet
655Kb / 5P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH2 WJCI-AH2 Datasheet
393Kb / 5P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com