Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP603-F Datasheet(PDF) 9 Page - WJ Communication. Inc.

Part # AP603-F
Description  High Dynamic Range 7W 28V HBT Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP603-F Datasheet(HTML) 9 Page - WJ Communication. Inc.

Back Button AP603-F Datasheet HTML 5Page - WJ Communication. Inc. AP603-F Datasheet HTML 6Page - WJ Communication. Inc. AP603-F Datasheet HTML 7Page - WJ Communication. Inc. AP603-F Datasheet HTML 8Page - WJ Communication. Inc. AP603-F Datasheet HTML 9Page - WJ Communication. Inc. AP603-F Datasheet HTML 10Page - WJ Communication. Inc. AP603-F Datasheet HTML 11Page - WJ Communication. Inc. AP603-F Datasheet HTML 12Page - WJ Communication. Inc. AP603-F Datasheet HTML 13Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 9 of 14 May 2007 ver 1
AP603
High Dynamic Range 7W 28V HBT Amplifier
2010-2025 MHz Application Circuit
Typical Performance at 25
°C at an
output power of +30 dBm
Frequency
2015 MHz
Total Output Power
+30 dBm
Power Gain
12.3 dB
Input Return Loss
11 dB
Output Return Loss
14 dB
IMD3 @ +30 dBm PEP
-48 dBc
Operating Current, Icc
230 mA
Collector Efficiency
15.5 %
Output P1dB
+38.2 dBm
Quiescent Current, Icq
160 mA
Vpd, Vbias
+5 V
Vcc
+28 V
Notes:
1. The primary RF microstrip line is 50
Ω.
2. Components shown on the silkscreen but not on the schematic are not used.
3. The center of C22 is placed at 0.185” (16.3
° @ 2015 MHz) from the center of C1.
4. The center of C1 is placed at 0.705” (61.9
° @ 2015 MHz) from the center of C25.
5. The center of C25 is placed at 0.140” (12.3
° @ 2015 MHz) from the center of C5.
6. The center of C5 is placed at 0.125” (11.0
° @ 2015 MHz) from the edge of the AP603 (U1).
7. The center of C30 is placed at 0.250” (41.2
° @ 2015 MHz) from the edge of the AP603 (U1).
8. The center of C19 is placed at 0.490” (43.0
° @ 2015 MHz) from the center of C23.
9. The bold-faced RF trace is for the DC bias feed. The stub’s length is approximately a ¼ λ.
2010-2025 MHz Application Circuit Performance Plots
Gain vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 160 mA, 25 ˚C
8
9
10
11
12
13
30
32
34
36
38
40
Output Power (dBm)
2000 MHz
2015 MHz
2025 MHz
S11, S22 vs. Frequency
Vcc = 28V, Icq = 160 mA, 25 ˚C
-25
-20
-15
-10
-5
0
1.96
1.98
2
2.02
2.04
2.06
2.08
Frequency (GHz)
S11
S22
Efficiency vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 160 mA, 25 ˚C
0
10
20
30
40
50
22
26
30
34
38
Output Power (dBm)
2000 MHz
2010 MHz
2025 MHz
ACLR1 vs. Output Power vs. Icq
3 carrier TD-SCDMA, Vcc = 28V, 2015 MHz, 25 ˚C
-65
-60
-55
-50
-45
-40
20
21
22
23
24
25
26
27
Average Output Power (dBm)
140 mA
160 mA
180 mA
200 mA
PAR = 9.6 dB @ 0.01% prob
IQ Mod Filter : 2.1 MHz
Sample clock: 32 MHz
BW = 1.28 MHz
ACLR vs. Output Power vs. Icq
3 carrier TD-SCDMA, Vcc = 28V, Icq = 160 mA, 2015 MHz, 25 ˚C
-65
-60
-55
-50
-45
-40
20
21
22
23
24
25
26
27
Average Output Power (dBm)
ACLR1
ACLR2
PAR = 9.6 dB @ 0.01% prob
IQ Mod Filter : 2.1 MHz
Sample clock: 32 MHz
BW = 1.28 MHz
Efficiency vs. Output Power vs. Frequency
3 carrier TD-SCDMA, Vcc = 28V, Icq = 160 mA, 25 ˚C
0
2
4
6
8
10
20
21
22
23
24
25
26
27
Average Output Power (dBm)
2010 MHz
2015 MHz
2025 MHz
PAR = 9.6 dB @ 0.01% prob
IQ Mod Filter : 2.1 MHz
Sample clock: 32 MHz
BW = 1.28 MHz
1.8pF
See note 3
See note 6
C30
3.3pF
See note 7
5.6pF
See note 4
0.8pF
See note 8
C25
0.8pF
See note 5
W= 0.030”
L = 1.000”
C7
1000pF


Similar Part No. - AP603-F

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP6031A SCHNEIDER-AP6031A Datasheet
61Kb / 2P
   Rack PDU, Basic, 0U/1U, 208V, 30A, (4) C19
More results

Similar Description - AP603-F

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AP602 WJCI-AP602 Datasheet
840Kb / 11P
   High Dynamic Range 4W 28V HBT Amplifier
AP601 WJCI-AP601 Datasheet
767Kb / 10P
   High Dynamic Range 1.8W 28V HBT Amplifier
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
List of Unclassifed Man...
HE389A ETC1-HE389A Datasheet
97Kb / 1P
   High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH2 TRIQUINT-AH2_15 Datasheet
190Kb / 5P
   High Dynamic Range Amplifier
AH1-G TRIQUINT-AH1-G_15 Datasheet
655Kb / 5P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH2 WJCI-AH2 Datasheet
393Kb / 5P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com