Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH118 Datasheet(PDF) 8 Page - WJ Communication. Inc.

Part # AH118
Description  쩌 Watt, High Linearity InGaP HBT Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH118 Datasheet(HTML) 8 Page - WJ Communication. Inc.

  AH118_06 Datasheet HTML 1Page - WJ Communication. Inc. AH118_06 Datasheet HTML 2Page - WJ Communication. Inc. AH118_06 Datasheet HTML 3Page - WJ Communication. Inc. AH118_06 Datasheet HTML 4Page - WJ Communication. Inc. AH118_06 Datasheet HTML 5Page - WJ Communication. Inc. AH118_06 Datasheet HTML 6Page - WJ Communication. Inc. AH118_06 Datasheet HTML 7Page - WJ Communication. Inc. AH118_06 Datasheet HTML 8Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 8 of 8 December 2006
AH118
¼ Watt, High Linearity InGaP HBT Amplifier
AH118-89G Mechanical Information
This package is lead-free/Green/RoHS-compliant. It is compatible with both lead-free (maximum 260 °C reflow temperature) and leaded
(maximum 245 °C reflow temperature) soldering processes. The plating material on the leads is NiPdAu.
Outline Drawing
Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
(1)
-40 to +85 °C
Thermal Resistance
(2), Rth
92 °C / W
Junction Temperature
(3), Tj
159 °C
Notes:
1. The amplifier can be operated at 105 °C case temperature for up to 1000
hours over its lifetime without degradation in performance and will not
degrade device operation at the recommended maximum 85 °C case
temperature for the rest of its lifetime.
2. The thermal resistance is referenced from the junction-to-case at a case
temperature of 85 °C.
3. This corresponds to the typical biasing condition of +5V, 160 mA at an
85°C case temperature. A minimum MTTF of 1 million hours is achieved
for junction temperatures below 247 °C.
Product Marking
The component will be marked with an
“AH118G” designator with an alphanumeric
lot code on the top surface of the package.
The obsolete tin-lead package is marked with
an “AH118” or “E099” designator followed
by an alphanumeric lot code.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
MSL / ESD Rating
ESD Rating: Class 1A
Value:
Passes between 250 and 500V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 3 at +260 °C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of
this device. Vias should use a .35mm (#80 / .0135”) diameter
drill and have a final plated thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers near
the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board
to a heatsink.
Ensure that the ground / thermal via region
contacts the heatsink.
4. Do not put solder mask on the backside of the PC board in the
region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material and
construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches).
Angles are in
degrees.
MTTF vs. GND Tab Temperature
100
1000
10000
100000
60
70
80
90
100
110
120
Tab Temperature (°C)


Similar Part No. - AH118_06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH118-89 ETC-AH118-89 Datasheet
176Kb / 6P
   1/4 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH118-89 WJCI-AH118-89 Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-89G WJCI-AH118-89G Datasheet
261Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-89G WJCI-AH118-89G Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118-89G TRIQUINT-AH118-89G Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH118_06

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG015 WJCI-ECG015 Datasheet
207Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118-RFID WJCI-AH118-RFID Datasheet
662Kb / 7P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114 WJCI-AH114_06 Datasheet
295Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114 WJCI-AH114 Datasheet
320Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH118 WJCI-AH118 Datasheet
261Kb / 8P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118 Datasheet
843Kb / 14P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
SCG015 WJCI-SCG015_06 Datasheet
203Kb / 5P
   쩌 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH128-89G TRIQUINT-AH128-89G Datasheet
791Kb / 17P
   쩌 W High Linearity InGaP HBT Amplifier
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
   Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
   Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com