Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSH222M25V8X11.5F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRSH222M25V8X11.5F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSH222M25V8X11.5F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRSH222M25V8X11.5F Datasheet HTML 1Page - NIC-Components Corp. NRSH222M25V8X11.5F Datasheet HTML 2Page - NIC-Components Corp. NRSH222M25V8X11.5F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
78
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
79
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
NRSH Series
Capacitance
(
µF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
27
270
-
-
-
-
-
5 x11
47
470
-
-
-
-
5 x 11
-
56
560
-
-
-
-
-
6.3 x 11
68
680
-
-
-
5 x 11
-
-
100
101
-
-
5 x 11
-
6.3 x 11
8 x 11.5
120
121
-
-
-
-
-
8 x 16
150
151
-
5 x 11
-
6.3 x 11
-
10 x 12.5
180
181
-
-
-
-
-
8 x 20
220
221
5 x 11
-
6.3 x 11
-
8 x 11.5
10 x 16
270
271
-
-
-
-
8 x 16
10 x 20
330
331
-
6.3 x 11
-
8 x 11.5
10 x 12.5
10 x 23
390
391
-
-
-
8 x 16
8 x 20
-
470
471
6.3 x 11
-
8 x 11.5
10 x 12.5
10 x 16
12.5 x 20
560
561
-
-
-
8 x 20
10 x 20
12.5 x 25
680
681
-
8 x 11.5
8 x 16
10 x 16
10 x 23
12.5 x 30
10 x 12.5
820
821
8 x 11.5
-
-
10 x 20
-
12.5 x 35
16 x 20
1,000
102
8 x 16
8 x 20
10 x 23
12.5 x 20
16 x 25
10 x 12.5
10 x 16
1,200
122
8 x 16
-
-
-
12.5 x 25
-
10 x 12.5
1,500
152
8 x 20
8 x 20
10 x 20
12.5 x 20
12.5 x 30
-
10 x 16
16 x 20
1,800
182
10 x 16
10 x 20
10 x 23
12.5 x 25
12.5 x 35
-
2,200
222
10 x 20
10 x 23
12.5 x 20
12.5 x 30
16 x 25
-
16 x 20
2,700
272
10 x 23
-
12.5 x 25
12.5 x 35
-
-
3,300
332
-
12.5 x 20
12.5 x 30
16 x 25
-
-
16 x 20
3,900
392
12.5 x 20
12.5 x 25
12.5 x 35
-
-
-
4,700
472
12.5 x 25
12.5 x 30
16 x 25
-
-
-
16 x 20
5,600
562
12.5 x 30
12.5 x 35
-
-
-
-
6,800
682
16 x 20
16 x 25
-
-
-
-
12.5 x 35
8,200
822
16 x 25
-
-
-
-
-
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
LEAD SPACING AND DIAMETER (mm)
D
(
.
a
i
D
e
s
a
C
∅)
5
3
.
6
8
0
1
5
.
2
1
6
1
8
1
d
(
.
a
i
D
s
d
a
e
L
∅)
5
.
0
5
.
0
6
.
0
6
.
0
6
.
0
8
.
0
8
.
0
)
F
(
g
n
i
c
a
p
S
d
a
e
L
0
.
2
5
.
2
5
.
3
0
.
5
0
.
5
5
.
7
5
.
7
.
m
i
D
α
5
.
0
5
.
0
5
.
0
5
.
0
5
.
0
5
.
0
5
.
0
β = L < 16mm = 1.5mm, L > 20mm = 2.0mm
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking


Similar Part No. - NRSH222M25V8X11.5F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSH222M25V125x30F NIC-NRSH222M25V125x30F Datasheet
93Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
NRSH222M25V16x20F NIC-NRSH222M25V16x20F Datasheet
93Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSH222M25V8X11.5F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com