Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRLR153M63V35X30F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRLR153M63V35X30F
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLR153M63V35X30F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRLR153M63V35X30F Datasheet HTML 1Page - NIC-Components Corp. NRLR153M63V35X30F Datasheet HTML 2Page - NIC-Components Corp. NRLR153M63V35X30F Datasheet HTML 3Page - NIC-Components Corp. NRLR153M63V35X30F Datasheet HTML 4Page - NIC-Components Corp. NRLR153M63V35X30F Datasheet HTML 5Page - NIC-Components Corp. NRLR153M63V35X30F Datasheet HTML 6Page - NIC-Components Corp. NRLR153M63V35X30F Datasheet HTML 7Page - NIC-Components Corp. NRLR153M63V35X30F Datasheet HTML 8Page - NIC-Components Corp. NRLR153M63V35X30F Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
150
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Operating Temperature Range
-40 ~ +85°C
-25 ~ +85°C
Rated Voltage Range
10 ~ 250Vdc
315 ~ 450Vdc
Rated Capacitance Range
180 ~ 82,000
µF
56 ~ 1,000
µF
Capacitance Tolerance
±20% (M)
Max. Leakage Current (
µA)
After 5 minutes (20°C)
3 x
C(
µF)V
Max. Tan
δ
at 120Hz/20°C
W.V. (Vdc)
10
16
25
35
50
63
80
100
160~400
420~450
Tan
δ max.
0.55
0.50
0.45 0.40 0.35
0.30
0.25
0.20
0.15
0.25
Surge Voltage
W.V. (Vdc)
10
16
25
35
50
63
80
100
160
180
S.V. (Vdc)
13
20
32
44
63
79
100
125
200
220
W.V. (Vdc)
200
220
250
315
350
385
400
420
450
-
S.V. (Vdc)
250
270
300
365
400
435
450
470
500
-
Ripple Current
Correction Factors
Frequency (Hz)
50 (60)
120
500
1K
10K>
---
-
-
Multiplier
at 85°C
10 ~ 100Vdc
0.90
1.00
1.05 1.10 1.15
-
-
-
-
-
160 ~ 250Vdc
0.80
1.00
1.20 1.30 1.50
-
-
-
-
-
315 ~ 450Vdc
0.80
1.00
1.20 1.25 1.40
-
-
-
-
-
Low Temperature
Stability (10 to 250Vdc)
Temperature (°C)
0
-25
-40
-
-
-
-
-
-
-
Capacitance Change
-5%
-15%
-30%
-
-
-
-
-
-
-
Impedance Ratio
1.5
3
12
-
-
-
-
-
-
-
Load Life Test
3,000 hours at +85°C
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
1,000 hours at +85°C
(no load)
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Surge Voltage Test
Per JIS-C-5141 (table #6, #4)
Surge voltage applied: 30 seconds
"On" and 5.5 minutes no voltage "Off"
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Soldering Effect
Refer to
JISC5102.8.5
Capacitance Change
Within ±10% of initial measured value
Tan
δ
Less than specified maximum value
Leakage Current
Less than specified maximum value
Large Can Aluminum Electrolytic Capacitors
NRLR Series
FEATURES
• EXPANDED VALUE RANGE
• LONG LIFE AT +85°C (3,000 HOURS)
• HIGH RIPPLE CURRENT
• LOW PROFILE, HIGH DENSITY DESIGN
• SUITABLE FOR SWITCHING POWER SUPPLIES
SPECIFICATIONS
MECHANICAL CHARACTERISTICS:
1. Safety Vent:
The capacitors are provided with a pressure sensitive safety vent on the top of can. The vent is designed to rupture in the event that high internal
gas pressure is developed by circuit malfunction or mis-use like reverse voltage.
2. Terminal Strength:
Each terminal of the capacitor shall withstand an axial pull force of 4.5Kg for a period 10 seconds or a radial bent force of 2.5Kg for a period
of 30 seconds.
NRLR 222 M 50V 20X25 S F
RoHS compliant
Lead Length (S=4mm, L=6mm)
Case Size (mm)
Voltage Rating
Tolerance Code
Capacitance Code
Series
PART NUMBER SYSTEM
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Notice for Mounting
The space from the top of the can shall be more than (3mm) from chassis or
other construction materials so that safety vent has room to expand in case
of emergency.
Recommended PC Board Mounting Holes:
Sleeve Color: Dark Blue
Can Top Safety Vent
Insulation Sleeve and Minus
Polarity Marking
D+1
Max.
L
± 2
4.0 ± 1
or
6.3
± 1
10
(-)
(+)
MAXIMUM EXPANSION FOR
SAFETY VENT
Approx.
3.0mm
10
± .1
∅= 2 ± 0.1
D
∅ ± 0.5
Chassis
PC Board
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NRLR153M63V35X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLR153M10V20X35SF NIC-NRLR153M10V20X35SF Datasheet
126Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR153M10V22X30SF NIC-NRLR153M10V22X30SF Datasheet
126Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR153M10V25X25SF NIC-NRLR153M10V25X25SF Datasheet
126Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR153M16V20X40SF NIC-NRLR153M16V20X40SF Datasheet
126Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR153M16V22X35SF NIC-NRLR153M16V22X35SF Datasheet
126Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLR153M63V35X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com