Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH1-PCB Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # AH1-PCB
Description  High Dynamic Range Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH1-PCB Datasheet(HTML) 4 Page - WJ Communication. Inc.

  AH1-PCB Datasheet HTML 1Page - WJ Communication. Inc. AH1-PCB Datasheet HTML 2Page - WJ Communication. Inc. AH1-PCB Datasheet HTML 3Page - WJ Communication. Inc. AH1-PCB Datasheet HTML 4Page - WJ Communication. Inc. AH1-PCB Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
x Phone 1-800-WJ1-4401 x FAX: 408-577-6621 x e-mail: sales@wj.com x Web site: www.wj.com
Page 4 of 5 April 2007
AH1-1
High Dynamic Range Amplifier
250 - 650 MHz Reference Design
Freq.
MHz
250
450
650
Gain
dB
14.8
14.5
13.8
S11
dB
-10
-36
-11
S22
dB
-19
-17
-13
P1dB
dBm
+22
OIP3
dBm
+42
NF
dB
2.8
2.8
3.2
Bias
+5V @ 150mA
0.2
0.3
0.4
0.5
0.6
0.7
Frequency (GHz)
Gain / Return Loss
11
12
13
14
15
16
-25
-20
-15
-10
-5
0
DB(|S(2,1)|) (L)
DB(|S(1,1)|) (R)
DB(|S(2,2)|) (R)
C=1000 pF
L=82 nH
C=1000 pF
L=15 nH
NET="AH1"
+5V
900 MHz Reference Design
Freq.
MHz
800
900
1000
Gain
dB
13.7
13.7
13.6
S11
dB
-13
-16
-18
S22
dB
-13
-14
-15
P1dB
dBm
+22
OIP3
dBm
+41
NF
dB
2.5
Bias
+5V @ 150mA
0.7
0.8
0.9
1
1.1
Frequency (GHz)
Gain / Return Loss
10
11
12
13
14
15
-25
-20
-15
-10
-5
0
DB(|S(2,1)|) (L)
DB(|S(1,1)|) (R)
DB(|S(2,2)|) (R)
C=100 pF
C=100 pF
C=100 pF
L=12 nH
L=100 nH
NET="AH1"
+5 V
2350 MHz Reference Design
Freq.
GHz
2.3
2.35
2.4
Gain
dB
12.0
12.0
11.9
S11
dB
-24
-40
-25
S22
dB
-12
-13
-14
P1dB
dBm
+22
OIP3
dBm
+41
NF
dB
3.7
Bias
+5V @ 150mA
2.1
2.2
2.3
2.4
2.5
2.6
Frequency (GHz)
Gain / Return Loss
8
9
10
11
12
13
-25
-20
-15
-10
-5
0
DB(|S(2,1)|) (L)
DB(|S(1,1)|) (R)
DB(|S(2,2)|) (R)
C=56 pF
L=22 nH
C=1.2 pF
TLINP
Z0=50 Ohm
L=250 mil
Eeff=3.4
Loss=0
F0=0 GHz
C=56 pF
NET="AH1"
+5V
3500 MHz Reference Design
Freq.
GHz
3.3
3.5
3.8
Gain
dB
9.8
9.9
9.5
S11
dB
-10
-18
-14
S22
dB
-16
-17
-16
P1dB
dBm
+21.6
OIP3
dBm
+41
NF
dB
4.8
4.3
4.1
Bias
+5V @ 150mA
3
3.2
3.4
3.6
3.8
4
Frequency (GHz)
Gain / Return Loss
6
7
8
9
10
11
-25
-20
-15
-10
-5
0
DB(|S(1,1)|) (R)
DB(|S(2,2)|) (R)
DB(|S(2,1)|) (L)
C=18 pF
L=12 nH
TLINP
Z0=80 Ohm
L=50 mil
Eeff=3.4
Loss=0
F0=0 GHz
C=1 pF
C=18 pF
NET="AH1"
+5V


Similar Part No. - AH1-PCB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH1-PCB ETC-AH1-PCB Datasheet
204Kb / 5P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-PCB WJCI-AH1-PCB Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
More results

Similar Description - AH1-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier
logo
List of Unclassifed Man...
HE389A ETC1-HE389A Datasheet
97Kb / 1P
   High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH2 TRIQUINT-AH2_15 Datasheet
190Kb / 5P
   High Dynamic Range Amplifier
AH1-G TRIQUINT-AH1-G_15 Datasheet
655Kb / 5P
   High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH2 WJCI-AH2 Datasheet
393Kb / 5P
   High Dynamic Range Amplifier
logo
List of Unclassifed Man...
AH1-1 ETC-AH1-1 Datasheet
204Kb / 5P
   High Dynamic Range Amplifier
AH11 ETC-AH11 Datasheet
127Kb / 6P
   High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
   High Dynamic Range IF Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com