Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSZC822M6.3V8X11.5TBF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRSZC822M6.3V8X11.5TBF
Description  Miniature Aluminum Electrolytic Ca pac i tors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSZC822M6.3V8X11.5TBF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRSZC822M6.3V8X11.5TBF Datasheet HTML 1Page - NIC-Components Corp. NRSZC822M6.3V8X11.5TBF Datasheet HTML 2Page - NIC-Components Corp. NRSZC822M6.3V8X11.5TBF Datasheet HTML 3Page - NIC-Components Corp. NRSZC822M6.3V8X11.5TBF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
120
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
NRSZC Series
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
W.V.
(Vdc)
Cap.
(
µF)
Code
Case Size
D
φ x L(mm)
Lead
Space
(mm)
Max.
Tan
δ
Max. LC (
µA)
2 minutes
Max. Impedance
Max. Ripple Current at
100KHz/105°C
(mA rms)
100KHz/20°C
35
47
470
5x11
2.0
0.12
16.5
0.340
205
100
101
6.3x11
2.5
0.12
35.0
0.170
330
150
151
8x11.5
3.5
0.12
52.5
0.110
580
220
221
8x15
3.5
0.12
77.0
0.080
750
270
271
10x12.5
5.0
0.12
94.5
0.063
900
330
331
8x20
3.5
0.12
115.5
0.060
1000
10x16
5.0
0.12
115.5
0.049
1200
390
391
10x16
5.0
0.12
136.5
0.049
1200
470
471
10x20
5.0
0.12
164.5
0.036
1450
560
561
10x20
5.0
0.12
196.0
0.036
1450
12.5x16
5.0
0.12
196.0
0.049
1400
680
681
10x22
5.0
0.12
238.0
0.036
1500
820
821
12.5x20
5.0
0.12
287.0
0.035
1660
1200
122
12.5x25
5.0
0.12
420.0
0.027
2000
16x21
7.5
0.12
420.0
0.032
2000
1500
152
12.5x30
5.0
0.12
525.0
0.024
2450
18x21
7.5
0.12
525.0
0.030
2490
1800
182
16x25
7.5
0.12
630.0
0.022
2560
2200
222
18x25
7.5
0.14
770.0
0.022
2740
2700
272
16x31.5
7.5
0.14
945.0
0.017
3010
3300
332
16x35.5
7.5
0.16
1155
0.016
3150
3900
392
18x35.5
7.5
0.16
1365
0.016
3680
4700
472
18x41
7.5
0.18
1645
0.015
3800
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
5
6.3
8
10
12.5
12.5x30
16
18
Lead Dia. (d
φ)
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
Lead Spacing (F)
2.0
2.5
3.5
5.0
5.0
5.0
7.5
7.5
Dim.
α
0.5
β = L < 20mm = 1.5mm, L > 20mm = 2.0mm
RIPPLE CURRENT CORRECTION FACTORS
Frequency (Hz)
Cap. (
µF)
120
1K
10K
100K
Multiplier
47 ~ 68
0.50
0.80
1.00
1.00
100 ~ 220
0.55
0.85
1.00
1.00
270 ~ 1000
0.65
0.90
1.00
1.00
1200 ~ 18000
0.75
0.90
1.00
1.00


Similar Part No. - NRSZC822M6.3V8X11.5TBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSZC822M63V16x25F NIC-NRSZC822M63V16x25F Datasheet
147Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSZC822M6.3V8X11.5TBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC_14 Datasheet
147Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK Datasheet
125Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSX NIC-NRSX Datasheet
349Kb / 6P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSG NIC-NRSG Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ NIC-NRSJ Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK_14 Datasheet
627Kb / 5P
   Miniature Aluminum Electrolytic Cap ac i tors
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com