Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRSH821M25V8X11.5F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSH821M25V8X11.5F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSH821M25V8X11.5F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSH821M25V8X11.5F Datasheet HTML 1Page - NIC-Components Corp. NRSH821M25V8X11.5F Datasheet HTML 2Page - NIC-Components Corp. NRSH821M25V8X11.5F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
76
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
77
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
NRSH Series
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
Rated Voltage Range
6.3 ~ 50VDC
Capacitance Range
27 ~ 8,200
µF
Operating Temperature Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
After 2 minutes
0.01CV or 3
µA whichever is greater
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8
13
20
32
44
63
C < 1,000
µF
0.22
0.19
0.16
0.14
0.12
0.10
C = 1,200
µF
0.22
0.19
0.16
0.14
0.12
-
C = 1,500
µF
0.22
0.19
0.16
0.14
0.12
-
C = 2,200
µF
0.24
0.21
0.18
0.16
0.14
-
C = 2,700
µF
0.24
0.21
0.18
0.16
-
-
C = 3,300
µF
0.26
0.23
0.20
0.18
-
-
C = 3,900
µF
0.26
0.23
0.20
-
-
-
C = 4,700
µF
0.28
0.25
0.22
-
-
-
C = 5,600
µF
0.30
0.27
-
-
-
-
C = 6,800
µF
0.32
0.29
-
-
-
-
C = 8,200
µF
0.36
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
2
2
2
2
2
2
Z-40°C/Z+20°C
3
3
3
3
3
3
Load Life Test
@ 105°C
Duration
φ D = 6.3: 6,000 hours, φ D = 8: 8,000 hours, φ D = 10>: 10,000 hours
∆ Capacitance
Within ±25% of initial measured value
∆ Tan δ
Less than 200% of specified value
∆ LC
Less than specified value
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED
FEATURES
• IMPROVED ENDURANCE AT HIGH TEMPERATURE
(up to 10,000HRS @ 105°C)
• LOW IMPEDANCE & HIGH RIPPLE CURRENT RATINGS
• NEW REDUCED SIZES
CHARACTERISTICS
NRSH 561 M 35V 10X20 F .
RoHS Compliant
Case Size (D
φ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
PART NUMBER SYSTEM


Similar Part No. - NRSH821M25V8X11.5F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSH821M25V10x20F NIC-NRSH821M25V10x20F Datasheet
93Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSH821M25V8X11.5F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com