Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC42VA12 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PLC42VA12
Description  CMOS programmable multi-function PLD 42 횞 105 횞 12
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLC42VA12 Datasheet(HTML) 5 Page - NXP Semiconductors

  PLC42VA12 Datasheet HTML 1Page - NXP Semiconductors PLC42VA12 Datasheet HTML 2Page - NXP Semiconductors PLC42VA12 Datasheet HTML 3Page - NXP Semiconductors PLC42VA12 Datasheet HTML 4Page - NXP Semiconductors PLC42VA12 Datasheet HTML 5Page - NXP Semiconductors PLC42VA12 Datasheet HTML 6Page - NXP Semiconductors PLC42VA12 Datasheet HTML 7Page - NXP Semiconductors PLC42VA12 Datasheet HTML 8Page - NXP Semiconductors PLC42VA12 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Test Load Circuit
+5V
CL
R1
R2
S1
GND
MZ
MZ
INPUTS
In
In
BM
BM
OUTPUTS
C2
C1
DUT
NOTE:
C1 and C2 are to bypass VCC to GND.
VCC
CK
OE
Philips Semiconductors Programmable Logic Devices
Product specification
PLC42VA12
CMOS programmable multi-function PLD
(42
× 105 × 12)
October 22, 1993
77
ABSOLUTE MAXIMUM RATINGS1
THERMAL RATINGS
SYMBOL
PARAMETER
RATINGS
UNIT
VCC
Supply voltage
–0.5 to +7
VDC
VIN
Input voltage
–0.5 to VCC +0.5
VDC
VOUT
Output voltage
–0.5 to VCC +0.5
VDC
IIN
Input currents
–10 to +10
mA
IOUT
Output currents
+24
mA
Tamb
Operating temperature range
0 to +75
°C
Tstg
Storage temperature range
–65 to +150
°C
NOTE:
1. Stresses above those listed may cause malfunction or permanent damage to the device. This
is a stress rating only. Functional operation at these or any other condition above those
indicated in the operational and programming specification of the device is not implied.
AC TEST CONDITIONS
VOLTAGE WAVEFORMS
MEASUREMENTS:
All circuit delays are measured at the +1.5V level
of inputs and outputs, unless otherwise specified.
Input Pulses
90%
10%
5ns
5ns
5ns
5ns
90%
10%
+3.0V
+3.0V
0V
0V
tR
tF
TEMPERATURE
Maximum junction
Maximum ambient
Allowable thermal
rise ambient to
junction
150
°C
75
°C
75
°C


Similar Part No. - PLC42VA12

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
PLC4000 INTRONICS-PLC4000 Datasheet
439Kb / 2P
   120 Watt DC-DC Power Supply for the Allen Bradley 1771 PLC System
logo
Laird Tech Smart Techno...
PLC4010 LSTD-PLC4010 Datasheet
428Kb / 1P
   Heavy-duty construction
PLC4010N LSTD-PLC4010N Datasheet
428Kb / 1P
   Heavy-duty construction
logo
Intronics Power, Inc.
PLC4024 INTRONICS-PLC4024 Datasheet
439Kb / 2P
   120 Watt DC-DC Power Supply for the Allen Bradley 1771 PLC System
PLC4048 INTRONICS-PLC4048 Datasheet
439Kb / 2P
   120 Watt DC-DC Power Supply for the Allen Bradley 1771 PLC System
More results

Similar Description - PLC42VA12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
   Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS173B PHILIPS-PLUS173B Datasheet
73Kb / 8P
   Programmable logic arrays 22 횞 42 횞 10
October 22, 1993
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
   Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
   Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
   Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
   Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
logo
Texas Instruments
TIBPSG507AC TI1-TIBPSG507AC Datasheet
361Kb / 19P
[Old version datasheet]   13 횞 80 횞 8 PROGRAMMABLE SEQUENCE GENERATOR
logo
NXP Semiconductors
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
   Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com