Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC18V8Z25N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PLC18V8Z25N
Description  Zero standby power CMOS versatile PAL devices
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLC18V8Z25N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PLC18V8Z25N Datasheet HTML 4Page - NXP Semiconductors PLC18V8Z25N Datasheet HTML 5Page - NXP Semiconductors PLC18V8Z25N Datasheet HTML 6Page - NXP Semiconductors PLC18V8Z25N Datasheet HTML 7Page - NXP Semiconductors PLC18V8Z25N Datasheet HTML 8Page - NXP Semiconductors PLC18V8Z25N Datasheet HTML 9Page - NXP Semiconductors PLC18V8Z25N Datasheet HTML 10Page - NXP Semiconductors PLC18V8Z25N Datasheet HTML 11Page - NXP Semiconductors PLC18V8Z25N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Philips Semiconductors
Product specification
PLC18V8Z
Zero standby power
CMOS versatile PAL devices
1997 Aug 08
8
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATINGS
UNIT
VCC
Supply voltage
–0.5 to +7
VDC
VCC
Operating supply voltage
4.5 to 5.5 (Industrial)
4.75 to 5.25 (Commercial)
VDC
VIN
Input voltage
–0.5 to VCC + 0.5
VDC
VOUT
Output voltage
–0.5 to VCC + 0.5
VDC
∆t/∆V
Input/clock transition rise or fall2
250
ns/V maximum
IIN
Input currents
–10 to +10
mA
IOUT
Output currents
+24
mA
Tamb
Operating temperature range
–40 to +85 (Industrial)
0 to +75 (Commercial)
°C
Tstg
Storage temperature range
–65 to +150
°C
NOTE:
1. Stresses above those listed may cause malfunction or permanent damage to the device. This is a stress rating only. Functional operation at
these or any other condition above those indicated in the operational and programming specification of the device is not implied.
2. All digital circuits can oscillate or trigger prematurely when input rise and fall times are very long. When the input signal to a device is at or near
the switching threshold, noise on the line will be amplified and can cause oscillation which, if the frequency is low enough, can cause subsequent
stages to switch and give erroneous results. For this reason, Schmitt-triggers are recommended if rise/fall times are likely to exceed 250ns at
VCC = 4.5V.
THERMAL RATINGS
TEMPERATURE
Maximum junction
150
°C
Maximum ambient
75
°C
Allowable thermal rise ambient to junction
75
°C
AC TEST CONDITIONS
+5V
CL
R1
R2
S1
GND
BZ
BY
INPUTS
I0
I9
BW
BX
OUTPUTS
C2
C1
DUT
NOTE:
C1 and C2 are to bypass VCC to GND.
VCC
SP00006
VOLTAGE WAVEFORMS
90%
10%
5ns
5ns
5ns
5ns
90%
10%
+3.0V
+3.0V
0V
0V
tR
tF
MEASUREMENTS:
All circuit delays are measured at the +1.5V level of inputs and outputs,
unless otherwise specified.
Input Pulses
SP00017


Similar Part No. - PLC18V8Z25N

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PLC1.5I-S8-C PANDUIT-PLC1.5I-S8-C Datasheet
296Kb / 11P
   Material & Color Availability Chart
logo
celduc-relais
PLC10040 CELDUC-PLC10040 Datasheet
413Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PLC12425U CELDUC-PLC12425U Datasheet
319Kb / 2P
   MAGNETIC PROXIMITY SENSOR
logo
P-tec Corporation
PLC1515A-WCRGB1 P-TEC-PLC1515A-WCRGB1 Datasheet
963Kb / 11P
   Small package enables 2.5 pitch display
PLC1515B-WCRGB1 P-TEC-PLC1515B-WCRGB1 Datasheet
963Kb / 11P
   Small package enables 2.5 pitch display
More results

Similar Description - PLC18V8Z25N

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE22V10 LATTICE-PALCE22V10 Datasheet
691Kb / 34P
   24-Pin EE CMOS (Zero Power) Versatile PAL Device
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
   Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
NXP Semiconductors
PLUS16R8D PHILIPS-PLUS16R8D Datasheet
148Kb / 16P
   PAL devices
September 10, 1993
logo
IMP, Inc
C1210 IMP-C1210 Datasheet
35Kb / 4P
   Process C1210 CMOS 1.2mm Zero Threshold Devices
logo
Texas Instruments
UCC28730-Q1 TI1-UCC28730-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Zero-Power Standby PSR Flyback Controller for Automotive
logo
Holt Integrated Circuit...
HI-1590 HOLTIC-HI-1590 Datasheet
1Mb / 16P
   CMOS technology for low standby power
logo
Power Integrations, Inc...
LNK584 POWERINT-LNK584 Datasheet
1Mb / 16P
   Zero Standby Consumption Integrated Off-Line Switcher
LNK584 POWERINT-LNK584_V01 Datasheet
1Mb / 18P
   Zero Standby Consumption Integrated Off-Line Switcher
November 2015
LNK584-586 POWERINT-LNK584-586 Datasheet
1Mb / 16P
   Zero Standby Consumption Integrated Off-Line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com