Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG203-63 Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # AG203-63
Description  InGaP HBT Gain Block
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AG203-63 Datasheet(HTML) 5 Page - WJ Communication. Inc.

  AG203-63_06 Datasheet HTML 1Page - WJ Communication. Inc. AG203-63_06 Datasheet HTML 2Page - WJ Communication. Inc. AG203-63_06 Datasheet HTML 3Page - WJ Communication. Inc. AG203-63_06 Datasheet HTML 4Page - WJ Communication. Inc. AG203-63_06 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 5 of 5
April 2006
AG203-63
InGaP HBT Gain Block
Product Information
The Communications Edge
TM
AG203-63G (Green / Lead-free SOT-363 Package) Mechanical Information
This package is lead-free/Green/RoHS-compliant. It is compatible with both lead-free (maximum 260
°C reflow temperature) and leaded
(maximum 245
°C reflow temperature) soldering processes. The plating material on the leads is annealed matte tin over copper.
Outline Drawing
Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Thermal Resistance, Rth
(1)
472
°C / W
Junction Temperature, Tj
(2)
123
°C
1. The thermal resistance is referenced from the hottest
part of the junction to the ground pin (pin 4).
2. This corresponds to the typical biasing condition of
+4.05V, 20 mA at an 85
°C case temperature. A
minimum MTTF of 1 million hours is achieved for
junction temperatures below 177
°C.
Product Marking
The component will be marked with an “H”
designator followed by a two-digit numeric lot
code on the top surface of the package. The
obsolete tin-lead package is marked with a “C”
designator followed by a two-digit numeric lot
code on the top surface of the package.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
MSL / ESD Rating
ESD Rating: Class 1C
Value:
Passes
≥ 1000V min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
Passes
≥ 1000V min.
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating: Level 3 at +260
°C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper
performance of this device.
Vias should use a .35mm
(#80 / .0135”) diameter drill and have a final plated thru
diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers
near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the
board to a heatsink. Ensure that the ground / thermal via
region contacts the heatsink.
4. Do not put solder mask on the backside of the PC board in
the region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material and
construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are in
degrees.
MTTFvs.GNDLeadTemperature
1
10
100
1000
10000
60
70
80
90
100
110
120
GroundLeadTemperature(°C)


Similar Part No. - AG203-63_06

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
AG203-63G QORVO-AG203-63G Datasheet
1Mb / 14P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG203-63PCB WJCI-AG203-63PCB Datasheet
277Kb / 6P
   InGaP HBT Gain Block
logo
Qorvo, Inc
AG203-63PCB QORVO-AG203-63PCB Datasheet
1Mb / 14P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG203-63 TRIQUINT-AG203-63_15 Datasheet
505Kb / 5P
   InGaP HBT Gain Block
More results

Similar Description - AG203-63_06

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com