Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAIA-007860-0001TB Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAIA-007860-0001TB
Description  Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAIA-007860-0001TB Datasheet(HTML) 4 Page - Tyco Electronics

  MAIA-007860-0001TB Datasheet HTML 1Page - Tyco Electronics MAIA-007860-0001TB Datasheet HTML 2Page - Tyco Electronics MAIA-007860-0001TB Datasheet HTML 3Page - Tyco Electronics MAIA-007860-0001TB Datasheet HTML 4Page - Tyco Electronics MAIA-007860-0001TB Datasheet HTML 5Page - Tyco Electronics MAIA-007860-0001TB Datasheet HTML 6Page - Tyco Electronics MAIA-007860-0001TB Datasheet HTML 7Page - Tyco Electronics MAIA-007860-0001TB Datasheet HTML 8Page - Tyco Electronics MAIA-007860-0001TB Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
! " #
$ %
& & ! ' # !
(
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
) *
/
!
"#
$% & ' ()* +,- ' )-
.
' /44.
&
0
1
2
#
&1
# 3
8
:
6
/
7*
!@
:
6
0'
:
8 9
M * 6
@ M . 6 ! @ M /'' =>
+;+ M +8
' /
=>
-''
=>
&1' -)'
=>
6
6
0( 1
0/
8
4
8 9
M * 6
@ M . 6 ! @ M /'' =>
+;+ M +8
' /
=>
&1' -)'
=>
6
//
446 ; N
0
8 9
M * 6
@ M . 6 ! @ M /'' =>
+;+ M +8 7 ' /
=>
&1' -)'
=>
6
(*
( ,0 =
4
8 9
M * 6
@ M . 6 ! @ M /'' =>
+;+ M +8 7 0 *
=>
&1' -)'
=>
6
1&
1 ,0 =
4
8 9
M * 6
@ M . 6 ! @ M /'' =>
+;+ M +8 7 * '
=>
&1' -)'
=>
6
&(
<
+
8 9
M * 6 ! @M . 6
+ G
M *'
=>
&1' -)'
=>
6
=>
0)'
+ 6
&1'
=>P8 P-.'
=>
=>
)1
8 ;
8
8 9
M * 6
+;+ M +8 7 ' /
=>
&1' -)'
=>
6
&
;+ ;
8
8 9
M * 6
;+
M . 6
+;+ M +8 7 ' /
=>
&1' -)'
=>
6
&
4
2
2
2
* &1
( (
( )
4
$
O *1E
1'


Similar Part No. - MAIA-007860-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAIA-007860-0001TB MA-COM-MAIA-007860-0001TB Datasheet
202Kb / 14P
   Receive I/Q Module Using Low Barrier Schottky Mixers 850 - 960 MHz
More results

Similar Description - MAIA-007860-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAIA-007775-000100 MACOM-MAIA-007775-000100 Datasheet
406Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
MAIA-007859-000100 MACOM-MAIA-007859-000100 Datasheet
396Kb / 12P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007775-000100 MA-COM-MAIA-007775-000100 Datasheet
199Kb / 14P
   Receive I/Q Module Using High Barrier Schottky Mixers 850 - 960 MHz
MAIA-007860-000100 MA-COM-MAIA-007860-000100 Datasheet
202Kb / 14P
   Receive I/Q Module Using Low Barrier Schottky Mixers 850 - 960 MHz
MAIA-007859-000100 MA-COM-MAIA-007859-000100 Datasheet
204Kb / 12P
   Receive I/Q Module Using Medium Barrier Schottky Mixers 850 - 960 MHz
MAMO-00900-1291HT MA-COM-MAMO-00900-1291HT Datasheet
159Kb / 7P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900L-1291T MACOM-MA4IQP900L-1291T Datasheet
148Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
List of Unclassifed Man...
MA4IQP900L-1291T ETC1-MA4IQP900L-1291T Datasheet
154Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
logo
Tyco Electronics
MA4IQP900H-1291T MACOM-MA4IQP900H-1291T Datasheet
145Kb / 6P
   I/Q Modulator/Demodulator 850-960 MHz
MAMO-000900-1291LT MACOM-MAMO-000900-1291LT Datasheet
253Kb / 7P
   I/Q Modulator/Demodulator 850 - 960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com